Electronic Components Datasheet Search
  English  ▼

X  

XGS-4 Datasheet(PDF) 1 Page - SYNERGY MICROWAVE CORPORATION

Part # XGS-4
Description  FREQUENCY DOUBLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

XGS-4 Datasheet(HTML) 1 Page - SYNERGY MICROWAVE CORPORATION

  XGS-4 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION XGS-4 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 - 8 GHz
FREQUENCY DOUBLER
SURFACE MOUNT MODEL:
XGS-4
WIDE BANDWIDTH - GALAXY SERIES
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 1 of 2 ]
FEATURES:
► Multi-octave Bandwidth
► SYNSTRIP® Multi-layer Technology
► Compact Size, Surface Mount
► Lead Free REL-PRO® Technology
► Low Cost
► Good F1 and F3 Rejection
0
2
4
6
8
10
12
14
16
4000
6400
8800
11200
13600
16000
Input = +13 dBm
SPECIFICATIONS
Frequency (GHz)
Input (F1)
2 - 8
Output (F2)
4 - 16
Input Power (dBm)
Min.
Max.
+13
+16
Conversion Loss (dB)
Typ.
Max.
11
14
Fundamental Rejection (dB)
Typ.
Min.
F1
18
12
3rd Harmonic Rejection (dB)
F3
≥ 20.0
Output Impedance
50 Ohms (Nom.)
Operating Temperature Range
-40 to +85 °C
Package #
426


Similar Part No. - XGS-4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
XGS ONSEMI-XGS Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
XGS12000 ONSEMI-XGS12000 Datasheet
1Mb / 53P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
June, 2020 ??Rev. 4
XGS12M ONSEMI-XGS12M Datasheet
221Kb / 6P
XGS 12000, XGS 9400 and XGS 8000 Global Shutter CMOS Image Sensors
August, 2023
XGS16M ONSEMI-XGS16M Datasheet
354Kb / 5P
XGS 16000 Global Shutter CMOS Image Sensor
August, 2024
XGS45M ONSEMI-XGS45M Datasheet
438Kb / 6P
Global Shutter CMOS Image Sensors
August, 2024
More results

Similar Description - XGS-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93H MACOM-FD93H Datasheet
321Kb / 3P
FREQUENCY DOUBLER
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
Frequency Doubler
logo
SYNERGY MICROWAVE CORPO...
SMX-C6 SYNERGY-SMX-C6 Datasheet
332Kb / 3P
FREQUENCY DOUBLER
SMX-C9 SYNERGY-SMX-C9 Datasheet
215Kb / 3P
FREQUENCY DOUBLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com