Electronic Components Datasheet Search
  English  ▼

X  

2853747 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2853747
Description  Upper part of housing, for COMBICON connection, double-level
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2853747 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2853747 Datasheet HTML 1Page - PHOENIX CONTACT 2853747 Datasheet HTML 2Page - PHOENIX CONTACT 2853747 Datasheet HTML 3Page - PHOENIX CONTACT 2853747 Datasheet HTML 4Page - PHOENIX CONTACT 2853747 Datasheet HTML 5Page - PHOENIX CONTACT 2853747 Datasheet HTML 6Page - PHOENIX CONTACT 2853747 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/2853747
05.11.2013   Page 1 / 7
Electronic housing - ME 17,5 OT-MSTBO KMGY - 2853747
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Upper part of housing, for COMBICON connection, double-level
Product Features
 Tool-free mounting
 Gold contacts for data transmission and power supply (125 V, 8 A)
 Large assembly area
 When a device is unplugged from the system as a whole, the signal chain is not interrupted– Supply via standard MINI COMBICON plug
 Large assembly area
 ME...TBUS connector with 5 parallel contacts can be snapped onto DIN rails to save space
 Same PCB geometry for all design widths
 Recessed labeling areas
 Inflammability class V0 according to UL 94
 Fast mounting on DIN rails according to EN 60715
 Cost savings thanks to easy device production
 Material and part identification embossed on the housing (recyclability)
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Electronic components can be partially removed
 Functional earth ground contact (EMC) integrated in the housing base
 Metal foot catch
Key commercial data
Packing unit
1 1
Minimum order quantity
10 1
Weight per Piece (excluding packing)
13.5 GRM
Custom tariff number
85472000
Country of origin
Germany
Technical data
General
Housing type
Upper part


Similar Part No. - 2853747

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28537 ETC2-28537 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
PHOENIX CONTACT
2853718 PHOENIX-2853718 Datasheet
349Kb / 10P
ME 17,5 OT-MSTBO SET BU - Upper housing part
2853721 PHOENIX-2853721 Datasheet
294Kb / 8P
ME 17,5 OT-MSTBO BU - Upper housing p
2853734 PHOENIX-2853734 Datasheet
61Kb / 4P
Housing upper part, complete with PCB termination blocks for full equipping. 16-pos., housing width: 22.5 mm
2853750 PHOENIX-2853750 Datasheet
85Kb / 6P
Base strip - MSTBO 2,5/ 3-G1L KMGY
More results

Similar Description - 2853747

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707738 PHOENIX-2707738 Datasheet
52Kb / 3P
Upper part of housing, double-level, for COMBICON connection, housing width: 35 mm
2735962 PHOENIX-2735962 Datasheet
58Kb / 3P
Upper part of housing, for COMBICON connection, three-level
2869032 PHOENIX-2869032 Datasheet
69Kb / 4P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2906814 PHOENIX-2906814 Datasheet
55Kb / 3P
Upper part of housing, for COMBICON connection, double-level.
2906843 PHOENIX-2906843 Datasheet
101Kb / 7P
Housing upper part, for printed circuit terminal block connection
2907169 PHOENIX-2907169 Datasheet
85Kb / 6P
Upper part of housing, for COMBICON connection, double-level
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
Housing upper part, complete with 4 pairs of COMBICON headers and plugs
2908469 PHOENIX-2908469 Datasheet
52Kb / 3P
Housing upper part, for printed circuit terminal block connection
2909743 PHOENIX-2909743 Datasheet
116Kb / 9P
Upper part of housing, double-level, for COMBICON connection, housing width: 45 mm
2914880 PHOENIX-2914880 Datasheet
57Kb / 3P
Upper part of housing, for COMBICON connection, three-level
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com