Electronic Components Datasheet Search
  English  ▼

X  

ES5D Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES5D
Description  Surface Mount Superfast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES5D Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES5D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
Maximum Ratings and Electrical Characteristics Rating at 25 oC
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or
inductive load. For capacitive load, derate current by 20%
Type Number
Symbol
ES
5A
ES
5B
ES
5C
ES
5D
ES
5F
ES
5G
ES
5H
ES
5J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
5.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method ) @TL = 100
oC
IFSM
1
50
A
Maximum Instantaneous Forward
Voltage @
5.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
10
500
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
45
30
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
67
32
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Units Mounted on P.C.B. with 0.6” x 0.6”(16mm x 16mm) Copper Pad Areas
ES5A-ES5J
Surface Mount Superfast Rectifiers
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Fast switching for high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case:
JEDEC DO-214AA molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity:
Laser band denotes cathode end


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
Surface Mount Superfast Rectifiers
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com