Electronic Components Datasheet Search
  English  ▼

X  

LL4148 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # LL4148
Description  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

LL4148 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  LL4148 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. LL4148 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Operating Junction Temperature
+150
°C
WIV
Working Inverse Voltage
75
V
IO
Average Rectified Current
150
mA
IFM
Non-repetitive Peak Forward Current
450
mA
IFSURGE
Peak Forward Surge Current
(Pulse Width = 1.0 µsecond)
2
A
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS)
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
Limits
Symbol
Parameter
Test Condition
Min
Max
Unit
BV
Breakdown Voltage
IR=100µA
IR=5µA
100
75
Volts
IR
Reverse Leakage Current
VR=20V
VR=75V
25
5
nA
µA
VF
Forward Voltage
TCLL4448, TCLL914B
TCLL4148, TCLL4148
TCLL4448, TCLL914B
IF=5mA
IF=10mA
IF=100mA
0.62
0.72
1.0
1.0
Volts
TRR
Reverse Recovery Time
IF=10mA, VR=6V
RL=100
IRR=1mA
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Black
SURFACE MOUNT
LL34
LL4148 LL4448 LL914B
500mW Hermetically Sealed Glass Fast Switching Diodes
Package Outline
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.30
3.60
0.130
0.142
B
1.40
1.50
0.055
0.059
C
0.35
0.50
0.014
0.020
Notes:
1.
All dimensions are within DO213AC JEDEC standard.
2.
LL-34 polarity denoted by cathode band.
B
C
A


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4448 TSC-LL4448 Datasheet
44Kb / 1P
500mW Hermetically Sealed Glass Fast Switching Diodes
LL914B TSC-LL914B Datasheet
69Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
LS4448 TSC-LS4448 Datasheet
91Kb / 2P
500mW Hermetically Sealed Glass Fast Switching Diodes
BAV100 TSC-BAV100 Datasheet
94Kb / 2P
500mW Hermetically Sealed Glass High Voltage Switching Diodes
LL4148L TSC-LL4148L Datasheet
911Kb / 3P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCLS4148 TAK_CHEONG-TCLS4148 Datasheet
90Kb / 3P
500mW QUADRO Mini-MELF Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448_15 Datasheet
231Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
LL4148L TSC-LL4148L_15 Datasheet
223Kb / 5P
500mW Hermetically Sealed Glass Fast Switching Diodes
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com