Electronic Components Datasheet Search
  English  ▼

X  

TCLLZ2V2 Datasheet(PDF) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # TCLLZ2V2
Description  500mW Hermetically Sealed Glass Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

TCLLZ2V2 Datasheet(HTML) 3 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  TCLLZ2V2 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. TCLLZ2V2 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. TCLLZ2V2 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Characteristics
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [
℃]
Ta = 25
℃
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [m V]
PD = 500mW
Ta = 25
℃
0
50
100
150
200
250
300
0
2
4
6
8
10
VZ - Reverse Voltage [V]
PD = 500mW
Ta = 25
℃
0.01
0.1
1
10
100
15
25
35
45
55
65
75
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25
℃
1
10
100
1000
0
20
40
60
80
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
Ta = 25
℃
0.1
1
10
100
1000
1
10
100
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
LLZ2V0 THRU LLZ75V
500mW Hermetically Sealed Glass Zener Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com