Electronic Components Datasheet Search
  English  ▼

X  

TCLLZ2V4 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # TCLLZ2V4
Description  500mW Hermetically Sealed Glass Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

TCLLZ2V4 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  TCLLZ2V4 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. TCLLZ2V4 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. TCLLZ2V4 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes:
1.
The type numbers listed have zener voltage min/max limits as shown and have a standard tolerance on the nominal zener
voltage of 5%.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Package Outline
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.30
3.60
0.130
0.142
B
1.40
1.50
0.055
0.059
C
0.35
0.50
0.014
0.020
Notes:
1.
All dimensions are within DO213AC JEDEC standard.
2.
LL-34 polarity denoted by cathode band.
B
C
A
Electrical Characteristics
TA = 25°C unless otherwise noted
Device Type
VZ @ IZT
(Volts)
Nominal
IZT
(mA)
ZZT @ IZT
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCLLZ13V
13
5
35
0.2
10
TCLLZ15V
15
5
40
0.2
11
TCLLZ16V
16
5
40
0.2
12
TCLLZ18V
18
5
45
0.2
13
TCLLZ20V
20
5
45
0.2
15
TCLLZ22V
22
5
30
0.2
17
TCLLZ24V
24
5
35
0.2
19
TCLLZ27V
27
2
45
0.2
21
TCLLZ30V
30
2
55
0.2
23
TCLLZ33V
33
2
65
0.2
25
TCLLZ36V
36
2
75
0.2
27
TCLLZ39V
39
2
85
0.2
30
TCLLZ43V
43
2
90
0.2
33
TCLLZ47V
47
2
90
0.2
36
TCLLZ51V
51
2
110
0.2
39
TCLLZ56V
56
2
110
0.2
43
TCLLZ62V
62
2
201
0.2
47
TCLLZ68V
68
2
230
0.2
51
TCLLZ75V
75
2
240
0.2
56
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types
LLZ2V0 THRU LLZ75V
500mW Hermetically Sealed Glass Zener Diodes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com