Electronic Components Datasheet Search
  English  ▼

X  

BPS120 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # BPS120
Description  12 mm Digital Low Pressure Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS120 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  BPS120 Datasheet HTML 1Page - Bourns Electronic Solutions BPS120 Datasheet HTML 2Page - Bourns Electronic Solutions BPS120 Datasheet HTML 3Page - Bourns Electronic Solutions BPS120 Datasheet HTML 4Page - Bourns Electronic Solutions BPS120 Datasheet HTML 5Page - Bourns Electronic Solutions BPS120 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS120 Series - 12 mm Digital Low Pressure Sensor
How To Order
BPS120 - A D 0P30 - 2 D G
Model Series
Digital
Media Compatibility
A = Air/Gas
Pressure Type
G = Gauge
D = Differential
Pressure (psi)
0P15 = 0.15
0P30 = 0.30
01P0 = 1.0
Terminal Pins
2 = Surface Mount Terminals
Port Style
D = Dual Port, Horizontal
Packaging Designator
G = 250 pcs. per 13-inch Reel
Solder Profile
300
250 °C Max.
(5 Seconds Max.)
150 ±5 °C
Time
200
100
80-100 Seconds
Processing Method: Reflow soldering with infrared heat or forced air convection (only once).
60 Seconds Max.
Notes:
1. No clean solder paste is recommended.
2. Aqueous wash is not recommended.
3. Use of water soluble soldering flux
should be avoided due to possible
corrosion.
4. Multiple passes through the soldering
process is not recommended.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com