Electronic Components Datasheet Search
  English  ▼

X  

BPS230 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # BPS230
Description  2 mm Humidity Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS230 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  BPS230 Datasheet HTML 1Page - Bourns Electronic Solutions BPS230 Datasheet HTML 2Page - Bourns Electronic Solutions BPS230 Datasheet HTML 3Page - Bourns Electronic Solutions BPS230 Datasheet HTML 4Page - Bourns Electronic Solutions BPS230 Datasheet HTML 5Page - Bourns Electronic Solutions BPS230 Datasheet HTML 6Page - Bourns Electronic Solutions BPS230 Datasheet HTML 7Page - Bourns Electronic Solutions BPS230 Datasheet HTML 8Page - Bourns Electronic Solutions BPS230 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS230 Series - 2 mm Humidity Sensor
Control Register Map (Continued)
Address
Bit
Bit Name
Function
Value
Read--Out
Write-In
R/W
Init.
01h
D1
-
Reserved
-
R
0
D0
MAN
Manual
Detection
Mode
0
Standby State
Detection
Operation
Stop
R/W
0
1
Under
Detection
Operation
Detection
Operation
Start
03h
D7-1
-
Reserved
-
R
0
D0
ERR
Manual
Detection
Error Flag
0
No Error
Nothing is
Done
R/W
0
1
Error
Occurred
Error Flag
Reset
04h
D7-0
HC[7:0]
Humidity
Detection
Result
(After
Correction
Operation)
000h-3FFh
R
X
05h
D7-2
-
Reserved
-
R
0
D1-0
HC[9:8]
Humidity
Detection
Result
(After
Correction
Operation)
R
X
06h
D7-0
TC[7:0]
Temperature
Detection
Result
(After
Correction
Operation)
000h-7FFh
R
X
07h
D7-3
-
Reserved
-
R
0
D2-0
TC[10:8]
Temperature
Detection
Result
(After
Correction
Operation)
R
X
0Ah
D7-0
K[7:0]
Capacity
Detection
Result
(Before
Correction
Operation)
000h-FFFFh
R
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com