Electronic Components Datasheet Search
  English  ▼

X  

CAT25M01 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT25M01
Description  EEPROM Serial 1-Mb SPI
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25M01 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT25M01 Datasheet HTML 1Page - ON Semiconductor CAT25M01 Datasheet HTML 2Page - ON Semiconductor CAT25M01 Datasheet HTML 3Page - ON Semiconductor CAT25M01 Datasheet HTML 4Page - ON Semiconductor CAT25M01 Datasheet HTML 5Page - ON Semiconductor CAT25M01 Datasheet HTML 6Page - ON Semiconductor CAT25M01 Datasheet HTML 7Page - ON Semiconductor CAT25M01 Datasheet HTML 8Page - ON Semiconductor CAT25M01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CAT25M01
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Ratings
Units
Operating Temperature
−45 to +130
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Page Mode, VCC = 5 V, 25°C
4. The device uses ECC (Error Correction Code) logic with 6 ECC bits to correct one bit error in 4 data bytes. Therefore, when a single byte
has to be written, 4 bytes (including the ECC bits) are re−programmed. It is recommended to write by multiple of 4 bytes in order to benefit
from the maximum number of write cycles.
Table 3. D. C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = −40°C to +85°C and VCC = 2.5 V to 5.5 V, TA = −40°C to +125°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICCR
Supply Current
(Read Mode)
Read, SO open /
−40°C to +85°C
VCC = 1.8 V, fSCK = 5 MHz
1.2
mA
VCC = 2.5 V, fSCK = 10 MHz
1.8
mA
VCC = 5.5 V, fSCK = 10 MHz
3
mA
Read, SO open /
−40°C to +125°C
2.5 V < VCC < 5.5 V,
fSCK = 10 MHz
3
mA
ICCW
Supply Current
(Write Mode)
Write, CS = VCC/
−40°C to +85°C
1.8 V < VCC < 5.5 V
3
mA
Write, CS = VCC/
−40°C to +125°C
2.5 V < VCC < 5.5 V
3
mA
ISB1
Standby Current
VIN = GND or VCC,
CS = VCC, WP = VCC,
HOLD = VCC,
VCC = 5.5 V
TA = −40°C to +85°C
1
mA
TA = −40°C to +125°C
3
ISB2
Standby Current
VIN = GND or VCC,
CS = VCC, WP = GND,
HOLD = GND,
VCC = 5.5 V
TA = −40°C to +85°C
3
mA
TA = −40°C to +125°C
5
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage
Current
CS = VCC
VOUT = GND or VCC
−2
2
mA
VIL1
Input Low Voltage
VCC ≥ 2.5 V
−0.5
0.3VCC
V
VIH1
Input High Voltage
VCC ≥ 2.5 V
0.7VCC
VCC + 0.5
V
VIL2
Input Low Voltage
VCC < 2.5 V
−0.5
0.25VCC
V
VIH2
Input High Voltage
VCC < 2.5 V
0.75VCC
VCC + 0.5
V
VOL1
Output Low Voltage
VCC ≥ 2.5 V, IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
VCC ≥ 2.5 V, IOH = −1.6 mA
VCC − 0.8V
V
VOL2
Output Low Voltage
VCC < 2.5 V, IOL = 150 mA
0.2
V
VOH2
Output High Voltage
VCC < 2.5 V, IOH = −100 mA
VCC − 0.2V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com