Electronic Components Datasheet Search
  English  ▼

X  

CAT34C02 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT34C02
Description  EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT34C02 Datasheet HTML 9Page - ON Semiconductor CAT34C02 Datasheet HTML 10Page - ON Semiconductor CAT34C02 Datasheet HTML 11Page - ON Semiconductor CAT34C02 Datasheet HTML 12Page - ON Semiconductor CAT34C02 Datasheet HTML 13Page - ON Semiconductor CAT34C02 Datasheet HTML 14Page - ON Semiconductor CAT34C02 Datasheet HTML 15Page - ON Semiconductor CAT34C02 Datasheet HTML 16Page - ON Semiconductor CAT34C02 Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
UDFN8, 2x3 EXTENDED PAD
CASE 517AZ
ISSUE A
DATE 23 MAR 2015
SCALE 2:1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.25MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
L
D2
E2
C
C
0.10
C
0.08
A1
SEATING
PLANE
NOTE 3
b
8X
0.10
C
0.05
C
A B
DIM
MIN
MAX
MILLIMETERS
A
0.45
0.55
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
D2
1.35
1.45
E
3.00 BSC
E2
1.25
1.35
e
0.50 BSC
L
0.25
0.35
1
4
8
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.50
PITCH
1.45 3.40
1
DIMENSIONS: MILLIMETERS
1
NOTE 4
0.30
8X
DETAIL A
A3
0.13 REF
A3
A
DETAIL B
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
L1
−−−
0.15
e
RECOMMENDED
5
1.56
GENERIC
MARKING DIAGRAM*
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.
XXXXX
AWLYW
G
1
M
M
0.68
C
0.10
8X
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
REFERENCE:
DESCRIPTION:
98AON42552E
ON SEMICONDUCTOR STANDARD
UDFN8, 2X3 EXTENDED PAD
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com