Electronic Components Datasheet Search
  English  ▼

X  

CAT1024 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CAT1024
Description  Supervisory Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1024 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CAT1024 Datasheet HTML 9Page - ON Semiconductor CAT1024 Datasheet HTML 10Page - ON Semiconductor CAT1024 Datasheet HTML 11Page - ON Semiconductor CAT1024 Datasheet HTML 12Page - ON Semiconductor CAT1024 Datasheet HTML 13Page - ON Semiconductor CAT1024 Datasheet HTML 14Page - ON Semiconductor CAT1024 Datasheet HTML 15Page - ON Semiconductor CAT1024 Datasheet HTML 16Page - ON Semiconductor CAT1024 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CAT1024, CAT1025
www.onsemi.com
13
Figure 12. Sequential Read Timing
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
ORDERING INFORMATION
Orderable Part Numbers − CAT1024 Series
(See Notes 1 − 5)
Device
Reset Threshold
Package
Shipping†
CAT1024WI−45−GT3
4.50 V − 4.75 V
SOIC
3000 Tape & Reel
CAT1024WI−42−GT3
4.25 V − 4.50 V
CAT1024WI−30−GT3
3.00 V − 3.15 V
CAT1024WI−28−GT3
2.85 V − 3.00 V
CAT1024WI−25−GT3
2.55 V − 2.70 V
CAT1024YI−45−GT3
4.50 V − 4.75 V
TSSOP
CAT1024YI−42−GT3
4.25 V − 4.50 V
CAT1024YI−30−GT3
3.00 V − 3.15 V
CAT1024YI−28−GT3
2.85 V − 3.00 V
CAT1024YI−25−GT3
2.55 V − 2.70 V
CAT1024ZI−45−GT3
4.50 V − 4.75 V
MSOP
CAT1024ZI−42−GT3
4.25 V − 4.50 V
CAT1024ZI−30−GT3
3.00 V − 3.15 V
CAT1024ZI−25−GT3
2.55 V − 2.70 V
CAT1024ZD4I−45T3*
4.50 V − 4.75 V
TDFN
CAT1024ZD4I−42T3*
4.25 V − 4.50 V
CAT1024ZD4I−30T3*
3.00 V − 3.15 V
CAT1024ZD4I−28T3*
2.85 V − 3.00 V
CAT1024ZD4I−25T3*
2.55 V − 2.70 V
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
1. All packages are RoHS−compliant (Lead−free, Halogen−free).
2. The standard lead finish is NiPdAu.
3. For additional package and temperature options, please contact your nearest ON Semiconductor Sales office.
4. TDFN not available in NiPdAu (–G) version.
5. For detailed information and a breakdown of device nomenclature and numbering systems, please see the ON Semiconductor Device
Nomenclature document, TND310/D, available at www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com