Electronic Components Datasheet Search
  English  ▼

X  

P4596 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P4596
Description  PWM CONTROL 3A STEP-DOWN CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P4596 Datasheet(HTML) 2 Page - Unisonic Technologies

  P4596 Datasheet HTML 1Page - Unisonic Technologies P4596 Datasheet HTML 2Page - Unisonic Technologies P4596 Datasheet HTML 3Page - Unisonic Technologies P4596 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P4596
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R103-064.d
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
EN/SS
Enable and Soft-start pin
2
VSS
Ground
3
VGATE
Driver GATE clamping pin.
4
VCC
IC power supply pin
5
SW
Switch pin.
6
FB
Feedback voltage
7
COMP
Compensation pin
8
OSC
Frequency Set Pin.
BLOCK DI AGRAM
VCC
VGATE
VSS
SW
OSC
COMP
FB
EN/SS
START-UP
REGULATOR
2.5V
1.23V
REFERENCE
BIAS
OCP
Oscillator
0.815 V
AMP
+
-
COMP.
COMP.
+
-
PWM
OTP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com