Electronic Components Datasheet Search
  English  ▼

X  

CHP Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CHP
Description  Ultra-High Power Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CHP Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CHP Datasheet HTML 1Page - Bourns Electronic Solutions CHP Datasheet HTML 2Page - Bourns Electronic Solutions CHP Datasheet HTML 3Page - Bourns Electronic Solutions CHP Datasheet HTML 4Page - Bourns Electronic Solutions CHP Datasheet HTML 5Page - Bourns Electronic Solutions CHP Datasheet HTML 6Page - Bourns Electronic Solutions CHP Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
CHPSeriesUltra-HighPowerChipResistors
Rated Voltage
The rated voltage is calculated by the following formula:
V= P X R
V: Rated Voltage (V)
P: Rated Power (W)
R: Resistance Value (W)
Construction
OVERCOAT
(BLACK)
CONDUCTOR
Sn PLATING
CERAMIC SUBSTRATE
RESISTIVE
ELEMENT
Ni PLATING
Soldering Profile
Derating Curve
Environmental Characteristics
Moisture Sensitivity Level.................................................. 1
ESD Classification (HBM)................................................ 1A
25
75
125
175
225
275
050
100
150
200
250
300
Time(seconds)
60-120seconds
90-150
seconds
260°Cpeak
190°C
150°C
220°C
RampDown
6°C/second
255°C
Maximumof20secondsbetween
+255°Cand+260°C
RampUp
3°C/secondmaximum
10secondsminimum
<1>
<1>
Ambient Temperature (°C)
70
155
100
-55



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com