Electronic Components Datasheet Search
  English  ▼

X  

CST0612-FC-R001E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CST0612-FC-R001E
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CST0612-FC-R001E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CST0612-FC-R001E Datasheet HTML 1Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 2Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 3Page - Bourns Electronic Solutions CST0612-FC-R001E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Fourterminaldesign
n
Lowinductancevalue(<1nH)
n
Metalalloystrip
n
RoHScompliant*andhalogenfree**
n
AEC-Q200compliant
Applications
n
Currentsense
n
Precisioncircuits
n
Medicalequipment***
n
Printers
n
Automationequipment
n
Navigationequipment
ModelCST0612CurrentSenseResistor
* RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
** Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine
(Br)andChlorine(Cl)contentis1500ppmorless.
***Bourns®productshavenotbeenspecificallydesignedandtestedforFDAClassIIIapplicationsandequivalentapplicationscoveredbyotherregulatoryauthoritysuchasthe
EuropeanCounsel,andtheiruseinsuchapplicationsisneitherrecommendednorsupported.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Environmental Characteristics
Specification
Model CST0612
Shelf Life
Two years from manufacturing date
Storage Conditions:
Temperature
+5 °C ~ +35 °C
Humidity
40 % ~ 75 %
Recommended Solder
Sn96.5 / Ag3 / Cu0.5
, Material:
Strip
Alloy
Overcoating
Molding
Compound
UL 94V0 Grade
How to Order
CST 0612 - F C - R001 E
Model
(CST = Current Sense
Terminal Type)
Size
0612
Resistance Tolerance
F = ±1 %
TCR (See Electrical
Characteristics chart)
X = ±100 PPM/°C
C = ±200 PPM/°C
Resistance Code
See Popular Resistance Table
Packaging Code (NOTE 2)
E = Embossed Tape (4,000 pcs. per 7 ” reel)
(NOTE 2) Part Number CST0612-FC-R0005-E
requires a hyphen before the
Packaging Code.
Electrical Characteristics
Characteristic
Model CST0612
Power Rating @ 70 °C
1 W (NOTE 1)
Resistance Range
0.5 - 5 milliohms
Operating Temperature Range
-55 °C to +170 °C
Temperature Coefficient of Resistance
±100 PPM/°C
±200 PPM/°C
Resistance Tolerance
±1 %
Insulation Resistance
> 100 megohms
Derated to Zero Load at
+170 °C
Maximum Working Voltage (V)
(P / R)1/2
(Note 1) 1 watt with total solder pad and trace size of 300 mm2.
Soldering Profile
50
100
150
200
250
HeatingTime
10±1second
30±10seconds
90±30seconds
Peak:260°C
230°Corhigher
180°C
150°C
PREHEATINGZONE
SOLDERINGZONE
IronSolder:350±10°C
3+1/-0seconds
Popular Resistance Table
Resistance
Value
(Milliohms)
Resistance
Code
0.50
R0005
0.75
R00075
1.00
R001
1.50
R0015
2.00
R002
3.00
R003
5.00
R005
Rated Voltage
The rated voltage is calculated by the
following formula:
V= P X R
V: Rated Voltage (V)
P: Rated Power (W)
R: Resistance Value (W)


Similar Part No. - CST0612-FC-R001E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CST0612-FC-R001E BOURNS-CST0612-FC-R001E Datasheet
634Kb / 5P
Model CST0612 Current Sense Resistor
More results

Similar Description - CST0612-FC-R001E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-2512R-L500J BOURNS-CSS2H-2512R-L500J Datasheet
377Kb / 2P
Current Sense Resistor
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSS2H-5930K-1L00F BOURNS-CSS2H-5930K-1L00F Datasheet
385Kb / 2P
Current Sense Resistor
CSS4J-4026R-1L00F BOURNS-CSS4J-4026R-1L00F Datasheet
352Kb / 2P
Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
Current Sense Resistor
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
Current Sense Resistor
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
Current Sense Resistor
CSM2F-7036 BOURNS-CSM2F-7036 Datasheet
554Kb / 4P
Current Sense Resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com