Electronic Components Datasheet Search
  English  ▼

X  

SF62G Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF62G
Description  Superfast Recovery Rectitiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF62G Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF62G Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF62G Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
Superfast Recovery Rectitiers
SF61G THRU SF68G
FIG.2-TYPICAL FORWARD CURRENT
1.0
2.0
3.0
4.0
5.0
6.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
DERATING CURVE
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,(°C)
FIG.6-TYPICAL JUNCTION CAPACITANCE
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
FIG. 3 - TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
Reverse Voltage,(Volts)
0.6
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.01
0.1
1
10
100
SF67G
~SF68G
SF65G
~SF66G
Tj=25°C
Pulse Width=300us
1% Duty Cycle
NUMBER OF CYCLES AT 60Hz
FIG.5-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
0
25
50
125
75
100
150
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
http://www.trr-jx.com
version: 02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com