Electronic Components Datasheet Search
  English  ▼

X  

SF64G Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF64G
Description  Superfast Recovery Rectitiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF64G Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF64G Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF64G Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High surge capability
· Low forward voltage, high current capability
· Hermetically sealed
· Low leakage.
MECHANICAL DATA
Case: Molded plastic, DO-201AD
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.04ounce, 1.1gram
Maximum Ratings and Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
SF61G
SF62G
SF63G
SF64G
SF65G
SF66G
SF68G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at T A=55℃
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 6.0A DC and 25℃
VF
1.7
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
℃
/W
Maximum Reverse Recovery Time (Note 3)
TRR
nS
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
Tstg
℃
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance Junction to Ambient and form junction to lead at 0.375"(9.5mm) lead length P.C.B. Mounted.
3- Reverse Recovery Test Conditions:IF=.5A,IR=1A,IRR=.25A.
Dimensions in inches and (millimeters)
IR
Amp
Amp
uAmp
0.95
1.25
I(AV)
IFSM
6.0
175
5.0
500
45
25
35
-55 to +150
-55 to +150
DO-201AD()
DO-201AD(DO-27)
Superfast Recovery Rectitiers
SF61G THRU SF68G
· Superfast recovery times
· Exceeds environmental standards of MIL-S-19500/228
Epoxy: UL 94V-O rate flame retardant
.
Lead: Axial leads, solderable per MIL-STD-202,
50
100
150
200
300
400
650
50
100
150
200
300
400
.937 23.8
.937 23.8
· G lass Passivated chip junction
35
70
105
140
210
280
450
650
http://www.trr-jx.com
version: 02


Similar Part No. - SF64G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF64G TSC-SF64G Datasheet
67Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Jinan Gude Electronic D...
SF64G JGD-SF64G Datasheet
173Kb / 2P
6.0 AMPS. GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF64G TSC-SF64G Datasheet
261Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
MIC GROUP RECTIFIERS
SF64G MIC-SF64G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF64G TSC-SF64G Datasheet
585Kb / 2P
6.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF64G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ER201G JUXING-ER201G Datasheet
811Kb / 2P
Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51 Datasheet
569Kb / 2P
Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
Superfast Recovery Rectitiers
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
Superfast Recovery Rectitiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com