Electronic Components Datasheet Search
  English  ▼

X  

UCS1602S Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UCS1602S
Description  HIGH PERFORMANCE CURRENT MODE POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCS1602S Datasheet(HTML) 8 Page - Unisonic Technologies

  UCS1602S Datasheet HTML 1Page - Unisonic Technologies UCS1602S Datasheet HTML 2Page - Unisonic Technologies UCS1602S Datasheet HTML 3Page - Unisonic Technologies UCS1602S Datasheet HTML 4Page - Unisonic Technologies UCS1602S Datasheet HTML 5Page - Unisonic Technologies UCS1602S Datasheet HTML 6Page - Unisonic Technologies UCS1602S Datasheet HTML 7Page - Unisonic Technologies UCS1602S Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UCS1602S
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R103-123.D
TYPICAL APPLICATION CIRCUIT
F1
LINE
NEUT
8
9
10
1
2
3
4
L2
12V/1.33A
GND
7
3
5
IC1
6
7
4
3
1
2
L1
1
2
3
4
T1
IC3
IC2
BD1
ZNR1
1
2
3
4
16W
GND
DRAIN
DRAIN
FB
6
2
VCC
XC1
R1
R2
C1
R3
D1
C2
YC1
R6
C8
C4
D2
C10
C7
D3
C3
R17
C9
R14
R8
R9
R10
GND
8
VCC-G
1
RG
CS
RCS
4
R7
Fig.7 UTC UCS1602S Typical Application Circuit
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com