Electronic Components Datasheet Search
  English  ▼

X  

0334724879 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0334724879
Description  MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0334724879 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0334724879 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0334724879
Status:
Active
Overview:
MX150 Sealed and Unsealed Connector System
Description:
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without
Connector Position Assurance, Dark Gray
Documents:
Drawing (PDF)
Packaging Specification PK-31300-903-001 (PDF)
Product Specification PS-33472-000-001 (PDF)
Packaging Specification PK-33472-001-001 (PDF)
Application Specification AS-33472-100-001 (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification AS-33611-001-001 (PDF)
General
Product Family
Crimp Housings
Series
33472
Application
Power, Wire-to-Board, Wire-to-Wire
More Detailed Tech Information
http://uscar.org/guest/teams/10/Electrical-Wiring-
Component-Applications -Partnership
Overview
MX150 Sealed and Unsealed Connector System
Polarization
C
Product Name
MX150
UPC
889056885706
Physical
Circuits (maximum)
8
Color - Resin
Gray (Dark)
Gender
Receptacle
Glow-Wire Capable
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Net Weight
11.338/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-33472-100-001, AS-33611-001-001
Packaging Specification
PK-31300-903-001, PK-33472-001-001
Product Specification
PS-33472-000-001
Sales Drawing
SD-33472-0001-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
33472 Series
Mates With
33482 Male Dual Row Sealed Connector
Use With
33001 , 33012 MX150 Female Terminal,
34345-0001 MX150 Cavity Plug Sealed
This document was generated on 10/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0334724879

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0334724801 MOLEX1-0334724801 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization A, without Connector Position Assurance, Black
0334724802 MOLEX1-0334724802 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization B, without Connector Position Assurance, Light Gray
0334724806 MOLEX1-0334724806 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization A, with Connector Position Assurance, Black
0334724807 MOLEX1-0334724807 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization B, with Connector Position Assurance, Light Gray
0334724880 MOLEX1-0334724880 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
More results

Similar Description - 0334724879

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33472-0668 MOLEX11-33472-0668 Datasheet
59Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
33472-0879 MOLEX11-33472-0879 Datasheet
59Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334710203 MOLEX1-0334710203 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Single Row, 2 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334710537 MOLEX1-0334710537 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Single Row, 5 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334720668 MOLEX1-0334720668 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334721253 MOLEX1-0334721253 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334724881 MOLEX1-0334724881 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, with Connector Position Assurance, Dark Gray
0334724922 MOLEX1-0334724922 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, with Clip-Slot, Dark Gray
0334824852 MOLEX1-0334824852 Datasheet
52Kb / 1P
MX150 Sealed Male Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
0334826261 MOLEX1-0334826261 Datasheet
53Kb / 1P
MX150 Sealed Male Connector, Dual Row, 12 Circuits, Polarization C, without Connector Position Assurance, Dark Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com