Electronic Components Datasheet Search
  English  ▼

X  

MLX90621 Datasheet(PDF) 34 Page - Melexis Microelectronic Systems

Part # MLX90621
Description  16x4 IR array
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90621 Datasheet(HTML) 34 Page - Melexis Microelectronic Systems

Back Button MLX90621 Datasheet HTML 30Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 31Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 32Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 33Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 34Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 35Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 36Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 37Page - Melexis Microelectronic Systems MLX90621 Datasheet HTML 38Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
MLX90621
16x4 IR array
Datasheet
39001090621
Page 34 of 44
Datasheet IR16x4
Rev 3.0
15 September 2016
Performance Graphs
10.
Temperature accuracy of the MLX90621
10.1.
All accuracy specifications apply under settled isothermal conditions only.
Furthermore, the accuracy is only valid if the object fills the FOV of the sensor completely.
Figure 26: Absolute temperature accuracy for the central four pixels
All accuracy specifications apply under settled isothermal conditions only.
NOTE:
1)
The accuracy is specified for the four central pixels. The accuracy of the rest of the pixels is according to the
uniformity statement
2)
As a result of long term (years) drift there can be an additional measurement deviation of ± 3°C for object
temperatures around room temperature.
To, °C
-20°C
0°C
50°C
85°C
±1°C ±3% * |To-Ta|
±5.5°C
-20°C
0°C
100°C
Ta, °C
200°C
300°C
±2.5°C ±3%* |To-Ta|
±3°C ±5% * |To-Ta|
±4°C ±5% * |To-Ta|
(Uniformity ±1°C ±1.5%*|To-Ta|)
(Uniformity ±1°C
±1.5%* |To-Ta|)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com