Electronic Components Datasheet Search
  English  ▼

X  

SMBJ Datasheet(PDF) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMBJ
Description  Surface Mount Transient Voltage Suppressor Power 600W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMBJ Datasheet(HTML) 4 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMBJ Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMBJ Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SMB
E
A
L
E1
V
A
M
UNIT
mm
2.44
0.305
4.70
3.94
5.59
2.13
0.152
4.06
3.3
5.08
max
min
A
C
E
D
E1
L
0.8
1.5
b
1.91
2.11
mil
max
min
0.20
0.05
96
185
155
220
84
160
130
200
12
6
32
59
75
83
7.9
2.0
SMB mechanical data
A1
The recommended mounting pad size
Unit :
mm
(mil)
2.2
(86)
2.4
(94)
2.4
(94)
http://www.trr-jx.com
version: 02
Surface Mount Transient Voltage Suppressor Power 600W
SMBJ Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com