Electronic Components Datasheet Search
  English  ▼

X  

ZTL431 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZTL431
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZTL431 Datasheet HTML 4Page - Diodes Incorporated ZTL431 Datasheet HTML 5Page - Diodes Incorporated ZTL431 Datasheet HTML 6Page - Diodes Incorporated ZTL431 Datasheet HTML 7Page - Diodes Incorporated ZTL431 Datasheet HTML 8Page - Diodes Incorporated ZTL431 Datasheet HTML 9Page - Diodes Incorporated ZTL431 Datasheet HTML 10Page - Diodes Incorporated ZTL431 Datasheet HTML 11Page - Diodes Incorporated ZTL431 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZTL431/ZTL432
Document number: DS33263 Rev. 18 - 2
8 of 12
www.diodes.com
August 2017
© Diodes Incorporated
ZTL431/ZTL432
Marking Information
(1)
SOT23 and SOT23F
(Top View)
(2)
SOT25
(Top View)
(3)
SOT363
(Top View)
Part Number
Identification Code
ZTL431AFFTA
31A
ZTL431AFTA
31A
ZTL432AFFTA
32A
ZTL432AFTA
32A
ZTL431BFFTA
31B
ZTL431BFTA
31B
ZTL432BFFTA
32B
ZTL432BFTA
32B
Part Number
Identification Code
ZTL431AE5TA
31A
ZTL431ASE5TA
S2A
ZTL431BE5TA
31B
Part Number
Identification Code
ZTL431AH6TA
31A
ZTL431BH6TA
31B
1
2
3
XXX
1
2
3
4
5
XXX
1
2
3
4
5
6
XXX
XXX : Identification Code
XXX : Identification Code
XXX : Identification Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com