Electronic Components Datasheet Search
  English  ▼

X  

ZTL431AFTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTL431AFTA
Description  COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTL431AFTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTL431AFTA Datasheet HTML 1Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 2Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 3Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 4Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 5Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 6Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 7Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 8Page - Diodes Incorporated ZTL431AFTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZTL431/ZTL432
Document number: DS33263 Rev. 18 - 2
2 of 12
www.diodes.com
August 2017
© Diodes Incorporated
ZTL431/ZTL432
Absolute Maximum Ratings (Voltages specified are relative to the Anode pin unless otherwise stated.)
Parameter
Rating
Unit
Cathode Voltage (VKA)
20
V
Continuous Cathode Current (IKA)
150
mA
Reference Input Current Range (IREF)
-50µA to +10mA
—
Operating Junction Temperature
-40 to +150
°C
Storage Temperature
-55 to +150
°C
Operation above the absolute maximum rating may cause device failure.
Operation at the absolute maximum ratings, for extended periods, may reduce device reliability.
Package Thermal Data
Package
JA
PDIS
TA = +25°C, TJ = +150°C
SOT23
380°C/W
330mW
SOT23F
138°C/W
900mW
SOT25
250°C/W
500mW
SOT363
380°C/W
330mW
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VKA
Cathode Voltage
VREF
20
V
IKA
Cathode Current
1
100
mA
TA
Operating Ambient Temperature Range
-40
+125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
VKA = VREF
IKA = 10mA
ZTL43_A
2.475
2.5
2.525
V
ZTL43_B
2.487
2.5
2.513
VDEV
Deviation of Reference Voltage Over Full
Temperature Range
VKA = VREF
IKA = 10mA
TA = 0 to +70°C
—
6
16
mV
TA = -40 to +85°C
—
14
34
TA = -40 to +125°C
—
14
34
VREF
VKA
Ratio of Change In Reference Voltage
To the Change In Cathode Voltage
IKA = 10mA
VKA = VREF to 10V
—
-1.4
-2.7
mV/V
VKA = 10V to 20V
—
-1.0
-2.0
IREF
Reference Input Current
IKA = 10mA, R1 = 10kΩ,
R2 = O/C (Open Circuit)
—
2
4
µA
IREF
IREF Deviation Over Full Temperature Range
IKA = 10mA
R1 = 10kΩ
R2 = O/C (Open
Circuit)
TA = 0 to +70°C
—
0.8
1.2
µA
TA = -40 to +85°C
—
0.8
2.5
TA = -40 to +125°C
—
0.8
2.5
IKA(MIN)
Minimum Cathode Current for Regulation
VKA = VREF
—
—
0.4
0.6
mA
IKA(OFF)
Off State Current
VKA = 20V, VREF =
0V
—
—
0.1
0.5
µA
RZ
Dynamic Output Impedance
VKA = VREF, f = 0Hz —
—
0.2
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com