Electronic Components Datasheet Search
  English  ▼

X  

2SC3322 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SC3322
Description  Silicon NPN Triple Diffused
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC3322 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SC3322 Datasheet HTML 1Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 2Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 3Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 4Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 5Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 6Page - Hitachi Semiconductor 2SC3322 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SC3322
4
0
2
4
6
8
10
Collector to emitter Voltage VCE (V)
0
200
400
600
800
1,000
Reverse Bias Area of Safe Operation
850 V, 1.5 A
800 V, 4 A
600 V, 10 A
IB2 = –0.8 A
700
800
900
1.000
Base to emitter resistance RBE (Ω)
100
1 k
10 k
100 k
1 M
Collector to Emitter Voltage
vs. Base to Emitter Resistance
IC = 1 mA
Collector to emitter Voltage VCE (V)
0
Typical Output Characteristics
12345
1
2
3
4
5
TC = 25°C
IB = 0
0.05 A
0.1 A
0.2 A
0.4 A
0.6 A
0.8 A
1.0 A
Base to emitter voltage VBE (V)
0
Typical Transfer Characteristics
0.4
0.8
1.2
1.6
2.0
1
2
3
4
5
TC = 25°C
VCE = 5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com