Electronic Components Datasheet Search
  English  ▼

X  

STP20NM60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STP20NM60
Description  Isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STP20NM60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STP20NM60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STP20NM60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc N-Channel MOSFET Transistor
STP20NM60
·
FEATURES
·
Typical RDS(on)=0.25Ω
·
Low input capacitance and gate charge
·
Low gate input resistances
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Suitable for increasing power density of high voltage converters
allowing system miniaturization
·
High efficiencies.
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-Continuous@TC=25℃
TC=100℃
20
12.6
A
IDM
Drain Current-Single Pulsed
80
A
PD
Total Dissipation
192
W
Tj
Operating Junction Temperature
-65~150
℃
Tstg
Storage Temperature
-65~150
℃
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
0.65
℃
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
62.5
℃
/W


Similar Part No. - STP20NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
17-Feb-2005
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
440Kb / 18P
N-channel 600V - 0.25Ω - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
27-Aug-2007
STP20NM60A STMICROELECTRONICS-STP20NM60A Datasheet
309Kb / 12P
N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Mar-2004
logo
Inchange Semiconductor ...
STP20NM60A ISC-STP20NM60A Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP20NM60FD STMICROELECTRONICS-STP20NM60FD Datasheet
341Kb / 15P
N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
01-Aug-2006
More results

Similar Description - STP20NM60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com