Electronic Components Datasheet Search
  English  ▼

X  

RTH37005G Datasheet(PDF) 2 Page - RFHIC

Part # RTH37005G
Description  GaN Hybrid PowerAmplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTH37005G Datasheet(HTML) 2 Page - RFHIC

  RTH37005G Datasheet HTML 1Page - RFHIC RTH37005G Datasheet HTML 2Page - RFHIC RTH37005G Datasheet HTML 3Page - RFHIC RTH37005G Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
GaN Hybrid Power Amplifier
RTH37005G
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 4
Version 0.2
Mechanical Specifications
PARAMETER
UNIT
TYP
REMARK
Mass
g
3.0
±1.0
Dimension
mm
20.5 x15 x 4.3
±0.15
Absolute Maximum Ratings
PARAMETER
UNIT
RATING
SYMBOL
Gate-Source Voltage
V
-8 ~ -2
Vgd
Vgc
Vgp
Drain-Source Voltage
V
50
Vds
Gate Current
mA
1.2
Drive
2.1
Carrier
4
Peaking
Operating Junction Temperature
°C
225
TJ
Operating Case Temperature
°C
-30 ~ 85
TC
Storage Temperature
°C
-40 ~ 100
TSTG
Operating Voltages
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Drain Voltage
V
30.5
31
31.5
Vds
Gate Voltage (on-stage)
V
-
Vgd @Drive Idq
-2
Vgd
Gate Voltage (on-stage)
V
-
Vgc @Carrier Idq
-2
Vgc
Gate Voltage (on-stage)
V
-
Vgp
-2
Vgp
Gate Voltage (off-stage)
V
-
-8
-
Vgd
Gate Voltage (off-stage)
V
-
-8
-
Vgc
Gate Voltage (off-stage)
V
-
-8
-
Vgp
Block Diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com