Electronic Components Datasheet Search
  English  ▼

X  

2SC4048 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4048
Description  Switching Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4048 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4048 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4048 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SC4048

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4043S ROHM-2SC4043S Datasheet
64Kb / 2P
High-Frequency Amplifier Transistor(11V, 50mA, 3.2GHz)
logo
Hitachi Semiconductor
2SC4046 HITACHI-2SC4046 Datasheet
32Kb / 6P
Silicon NPN Epitaxial
More results

Similar Description - 2SC4048

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
Switching Applications
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
Switching Regulator Applications Switching Regulator Applications
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
Switching Applications
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
Switching Applications
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
Switching and Applications Switching and Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
Switching applications
12-Mar-2015
STW40N65M2 STMICROELECTRONICS-STW40N65M2 Datasheet
433Kb / 12P
Switching applications
09-Feb-2014
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
Switching applications
November 2016 Rev 1
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
Switching applications
29-Jan-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com