Electronic Components Datasheet Search
  English  ▼

X  

2SC4774 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4774
Description  FOR AUDIO TEMPERATUEE COMPENSATION CIRCUITS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4774 Datasheet(HTML) 1 Page - Rohm

  2SC4774 Datasheet HTML 1Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(96-718-C110)
(96-183-C115)
306
Transistors
2SC4137
Transistors
2SC4774 / 2SC4713K


Similar Part No. - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
70Kb / 3P
High frequency amplifier transistor RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
98Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING (6V, 50mA)
logo
Guangdong Kexin Industr...
2SC4774 KEXIN-2SC4774 Datasheet
44Kb / 1P
High Frequency Amplifier
logo
Rohm
2SC4774 ROHM-2SC4774 Datasheet
162Kb / 3P
High frequency amplifier transistor, RF switching (6V, 50mA)
logo
Unisonic Technologies
2SC4774 UTC-2SC4774 Datasheet
240Kb / 4P
HIGH FREQUENCY AMPLIFIER TRANSISTOR, RF SWITCHING 6V, 50mA)
More results

Similar Description - 2SC4774

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2532 TOSHIBA-2SC2532 Datasheet
132Kb / 2P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
logo
Sanken electric
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Toshiba Semiconductor
2SC2532 TOSHIBA-2SC2532_03 Datasheet
78Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER, DRIVER STAGE FOR LED LAMP, TEMPERATURE COMPENSATION APPLICATIONS)
logo
Thinking Electronic Ind...
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
Bead Type for Temperature Sensing/Compensation
logo
Panasonic Semiconductor
MA2Z0300AL PANASONIC-MA2Z0300AL Datasheet
231Kb / 3P
For reduced voltage and temperature compensation
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
for Temperature Compensation 0201 (0603) Size
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
Temperature compensation for modulation current
logo
Pepperl+Fuchs Inc.
H-CJC-SC-8 PF-H-CJC-SC-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
H-CJC-SP-8 PF-H-CJC-SP-8 Datasheet
74Kb / 1P
Resistance Thermometer for Cold Junction Compensation
K-CJC-BK PF-K-CJC-BK Datasheet
404Kb / 1P
Terminal Block for Cold Junction Compensation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com