Electronic Components Datasheet Search
  English  ▼

X  

2SC4212 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4212
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4212 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4212 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4212 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4212 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Transistors
2
2SC4212
VCE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
Area of safe operation (ASO)
0
6
5
4
3
2
1
0
200
40
80
160
120
180
20
60
140
100
(1)With a 100
×100×2mm
Al heat sink
(2)Without heat sink
(1)
(2)
Ambient temperature T
a
(˚C)
020
48
16
12
0
40
80
120
200
160
TC=25˚C
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
0.2mA
IB=2.0mA
Collector to emitter voltage V
CE
(V)
0
0
2.0
1.6
1.2
0.8
0.4
240
200
160
120
80
40
VCE=10V
TC=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
13
10
30
100
0.01
10
1
0.1
0.03
0.3
3
IC/IB=10
–25˚C
25˚C
TC=100˚C
Collector current I
C
(mA)
1
10
100
330
1
1000
100
10
3
30
300
VCE=10V
TC=100˚C
–25˚C
25˚C
Collector current I
C
(mA)
–1
–3
–10
–30
–100 –300 –1000
0
40
80
120
200
160
VCB=30V
f=200MHz
TC=25˚C
Emitter current I
E
(A)
1
3
10
30
100
0
20
16
12
8
4
IE=0
f=1MHz
TC=25˚C
Collector to base voltage V
CB
(V)
0.001
0.003
13
0.01
0.03
0.1
0.3
1
3
10
10
30
100
300
1000
Single pulse
TC=25˚C
t=10ms
t=1s
DC
ICP
IC
Collector to emitter voltage V
CE
(V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com