Electronic Components Datasheet Search
  English  ▼

X  

ST180S04 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ST180S04
Description  Phase Control Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ST180S04 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ST180S04 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ST180S04 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
ST180S
Phase Control Thyristors
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.105
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYPE
MAX
UNIT
VTM
Forward Voltage Drop
Ipk = 570 A, TJ = 125 ℃, tp = 10 ms sine
pulse
1.75
V
IDRM
IRRM
Max. peak reverse and off-state
leakage current
TJ = TJ maximum, rated VDRM/VRRM
applied
30
mA
IGT
DC gate current required to trigger
TJ = -40 ℃
180
mA
TJ = 25 ℃
90
150
TJ = 125 ℃
40
VGT
DC gate voltage required to trigger
TJ = -40 ℃
2.9
V
TJ = 25 ℃
1.8
3
TJ = 125 ℃
1.2
tq
Typical turn-off time
ITM = 300A, TJ = TJ max, di/dt = 20A/µs,
VR = 50V, dv/dt = 20V/µs, Gate 0V 100
Ω
, tp = 500μs
100
µs
PACKAGE OUTLINE
Dimensions in mm (1mm = 0.0394“)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com