Electronic Components Datasheet Search
  English  ▼

X  

2SC4529 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4529
Description  Silicon NPN Epitaxial VHF Wide Brand Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4529 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4529 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4529 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4529 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol Rating Unit
————————————————————–
Collector to base voltage
VCBO
30
V
————————————————————–
Collector to emitter voltage
VCEO
20
V
————————————————————–
Emitter to base voltage
VEBO
3V
————————————————————–
Collector current
IC
300
mA
————————————————————–
Collector peak current
iC(peak) 500
mA
————————————————————–
Collector power dissipation
PC
1W
——–———–
PC*1
5
————————————————————–
Junction temperature
Tj
150
°C
————————————————————–
Storage temperature
Tstg
–55 to °C
+150
————————————————————–
Note: 1. Value at TC = 25°C.
1
2
3
TO-126 MOD
1. Emitter
2. Collector
3. Base
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test condition
———————————————————————————————————————————
Collector to base breakdown voltage
V(BR)CBO 30
——V
IC = 100 µA, IE = 0
———————————————————————————————————————————
Collector to emitter breakdown voltage
V(BR)CEO 20
——V
IC = 1 mA, RBE = ∞
———————————————————————————————————————————
Collector cutoff current
ICBO
—
—
1.0
µA
VCB = 25 V, IE = 0
———————————————————————————————————————————
Emitter cutoff Current
IEBO
—
—
10
µA
VEB = 3 V, IC = 0
———————————————————————————————————————————
DC current transfer ratio
hFE
50
—
200
VCE = 5 V, IC = 50 mA
———————————————————————————————————————————
Collector to emitter saturation voltage
VCE(sat)
—
—
1.0
V
IC = 100 mA, IB = 10 mA
———————————————————————————————————————————
Gain bandwidth product
fT
1.5
2.2
—
GHz
VCE = 5 V, IC = 50 mA
———————————————————————————————————————————
Collector output capacitance
Cob
—
4.7
—
pF
VCB = 10 V, IE = 0, f = 1 MHz
———————————————————————————————————————————
2SC4529
Silicon NPN Epitaxial
VHF Wide Band Amplifier


Similar Part No. - 2SC4529

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4520 SANYO-2SC4520 Datasheet
85Kb / 3P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4520 KEXIN-2SC4520 Datasheet
57Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
2SC4521 SANYO-2SC4521 Datasheet
83Kb / 3P
High-Speed Switching Applications
logo
Guangdong Kexin Industr...
2SC4521 KEXIN-2SC4521 Datasheet
57Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Sanyo Semicon Device
2SC4522 SANYO-2SC4522 Datasheet
86Kb / 3P
High-Speed Switching Applications
More results

Similar Description - 2SC4529

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com