Electronic Components Datasheet Search
  English  ▼

X  

2SC4877 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4877
Description  TV/character display horizontal deflection output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4877 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4877 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
———————————————————————————————————————————
Emitter to base breakdown
V(BR)EBO
6
——V
IE = 400 mA, IC = 0
voltage
———————————————————————————————————————————
Collector cutoff current
ICES
—
—
500
µA
VCE = 1500 V, RBE = 0
———————————————————————————————————————————
DC current transfer ratio
hFE
——
25
—
VCE = 5 V, IC = 1 A
———————————————————————————————————————————
Collector to emitter saturation
VCE(sat)
——
5
V
IC = 7 A, IB = 1.4 A
voltage
———————————————————————————————————————————
Base to emitter saturation
VBE(sat)
—
—
1.5
V
IC = 7 A, IB = 1.4 A
voltage
———————————————————————————————————————————
C to E diode forward voltage
VECF
—
—
3.0
V
IF = 8 A
———————————————————————————————————————————
Fall time
tf
—
—
0.5
µs
ICP = 7 A, IB1 = 1.4 A
IB2 ≈ –2.5 A, fH = 31.5 kHz
———————————————————————————————————————————
Maximum Collector Power Dissipation Curve
80
60
40
20
0
50
100
150
200
Case Temperature
Tc (°C)
Area of Safe Operation
20
16
12
8
4
400
800
1200
1600
2000
Collector to Emitter Voltage
V
(V)
CE
0
(100 V, 20 A)
(800 V, 4 A)
0.5 mA
f = 15.75 kHz
Ta = 25 °C
For picture tube arcing
2SC4877



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com