Electronic Components Datasheet Search
  English  ▼

X  

2SC4928 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC4928
Description  Character Display Horizontal Deflection Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4928 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC4928 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
———————————————————————————————————————————
Collector to emitter breakdown
V(BR)CEO
800
—
—
V
IC = 10 mA,
voltage
RBE = ∞
———————————————————————————————————————————
Emitter to base breakdown
V(BR)EBO
6—
—
V
IE = 10 mA, IC = 0
voltage
———————————————————————————————————————————
Collector cutoff current
ICES
—
—
500
µA
VCE = 1500 V,
RBE = 0
———————————————————————————————————————————
DC current transfer ratio
hFE
——38
—
VCE = 5 V,
IC = 1 A
———————————————————————————————————————————
Collector to emitter saturation
VCE(sat)
——5
V
IC = 12 A, IB = 3 A
voltage
———————————————————————————————————————————
Base to emitter saturation
VBE(sat)
—
—
1.5
V
IC = 12 A, IB = 3 A
voltage
———————————————————————————————————————————
Fall time
tf
—
—
0.5
µs
ICP = 8 A, IB1 = 1.4 A
IB2 ≈ –2.5 A,
fH = 31.5 kHz
———————————————————————————————————————————
Maximum Collector Power Dissipation Curve
200
150
100
50
0
50
100
150
200
Case Temperature
Tc (°C)
Area of Safe Operation
40
30
20
10
0
500
1000
1500
2000
Collector to Emitter Voltage V
(V)
CE
(100V, 20A)
(800V, 4A)
0.5 mA
2SC4928



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com