Electronic Components Datasheet Search
  English  ▼

X  

2SC5023 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC5023
Description  High frequency amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5023 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC5023 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5023 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5023 Datasheet HTML 3Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
———————————————————————————————————————————
Collector to base
V(BR)CBO
100
—
—
V
IC = 10 µA,
breakdown voltage
IE = 0
———————————————————————————————————————————
Collector to emitter
V(BR)CEO
100
—
—
V
IC = 1 mA,
breakdown voltage
RBE = ∞
———————————————————————————————————————————
Collector cutoff current
ICBO
—
—
1.0
µA
VCB = 80 V,
IE = 0
———————————————————————————————————————————
Emitter cutoff current
IEBO
—
—
10
µA
VEB = 3 V,
IC = 0
———————————————————————————————————————————
DC current
2SC5023B
hFE
60
—
120
VCE = 10 V,
transfer ratio
—————————————————————
IC = 10 mA
2SC5023C
hFE
100
—
200
———————————————————————————————————————————
Base to emitter voltage
VBE
—
—
1.0
V
VCE = 10 V,
IC = 10 mA
———————————————————————————————————————————
Collector to emitter
VCE(sat)
—
—
1.0
V
IC = 100 mA,
saturation voltage
IB = 10 mA
———————————————————————————————————————————
Gain bandwidth product
fT
800
1000
—
MHz
VCE = 20 V,
IC = 100 mA
———————————————————————————————————————————
Capacitor output capacitance
Cob
—
4.5
6.0
pF
VCB = 30 V,
IE = 0,
f = 1 MHz
———————————————————————————————————————————
See characteristic curves of 2SC4708.
2SC5023



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com