Electronic Components Datasheet Search
  English  ▼

X  

2SC5443 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5443
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5443 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5443 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5443 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5443 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5443 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5443
No.6101–3/4
PC - Ta
PC - Tc
80
100
120
140
160
60
40
20
0
80
100
120
140
160
60
40
20
0
0
1.0
2.0
3.0
3.5
4.0
0
40
80
120
200
160
20
60
100
140
180
Forward Bias A S O
Reverse Bias A S O
0.1
1.0
10
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
100
10
35
7
2
35
7
23
5 7
22
1000
10
1.0
0.1
100
1000
5
7
2
3
5
7
2
3
5
7
2
3
57
2
3
2
3
57
I CP
I C
P
C =180W
100
µ
s
Collector-to-Emitter Voltage, VCE –V
Collector-to-Emitter Voltage, VCE –V
Tc=25
°C
Single pulse
L =100
µH
IB2=-5A
Tc=25
°C
Single pulse
Ambient Temperature, Ta –
°C
No
heat
sink
Case Temperature, Tc –
°C
SW Time - I C
SW Time - I B2
tf
tstg
tstg
2
3
5
7
2
3
5
7
5
7
1.0
0.1
7 0.1
35
7
1.0
23
5
7
23
2
10
0.1
7
1.0
2
3
5
7
2
3
5
7
10
1.0
0.1
10
35
7
72
2
35
7
2
Collector Current, IC –A
VCC=200V
IC/IB1=5
IB2/IB1=2
R load
Base Current, IB2 –A
VCC=200V
IC=12A
IB1=2.4A
R load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com