Electronic Components Datasheet Search
  English  ▼

X  

2SC5577 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5577
Description  Ultrahigh-Definition Color Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5577 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5577 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5577 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
Ultrahigh-Definition Color Display
Horizontal Deflection Output Applications
Ordering number:ENN6281
2SC5577
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
10700TS (KOTO) TA-2151 No.6281–1/4
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
2048B
[2SC5577]
Features
· High speed (tf=100ns typ).
· High breakdown voltage (VCBO=1500V).
· High reliability (Adoption of HVP process).
· Adoption of MBIT process.
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PBL
Tc=25˚C
Continued on next page.
20.0
1.2
2.0
3.4
3.3
0.6
5.0
12
3
5.45
5.45
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
0
5
1V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
0
0
8V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
1A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
5
3A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
5
.
3W
0
4
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
S
E
C
V E
C
R
,
V
0
0
5
1
=
E
B
0
=0
.
1A
m
e
g
a
t
l
o
V
n
i
a
t
s
u
S
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
)
s
u
s
(
O
E
C
IC
I
,
A
m
0
0
1
=
B 0
=0
0
8V
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
=
C 0
=0
.
1A
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
C
I
O
B
C
V B
C
I
,
V
0
0
8
=
E 0
=0
1A
µ
n
i
a
G
t
n
e
r
r
u
C
C
D
h E
F 1V E
C
I
,
V
5
=
C
A
0
.
1
=
0
20
3
h E
F 2V E
C
I
,
V
5
=
C
A
2
1
=
47


Similar Part No. - 2SC5577

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5570 TOSHIBA-2SC5570 Datasheet
243Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR SUPER HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
20-Jul-1999
2SC5570 TOSHIBA-2SC5570 Datasheet
2Mb / 54P
COLOR TELEVISION N1PS Chassis
Jul., 2001
2SC5570 TOSHIBA-2SC5570 Datasheet
2Mb / 54P
COLOR TELEVISION
Jul. 2001
logo
Inchange Semiconductor ...
2SC5570 ISC-2SC5570 Datasheet
282Kb / 2P
isc Silicon NPN Power Transistor
2023-10-10
logo
Panasonic Semiconductor
2SC5572 PANASONIC-2SC5572 Datasheet
71Kb / 1P
Horizontal Deflection Output Transistor
More results

Similar Description - 2SC5577

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3642 SANYO-2SC3642 Datasheet
90Kb / 3P
Ultrahigh-Definition Display Horizontal Deflection Output Applications?
2SC3894 SANYO-2SC3894 Datasheet
82Kb / 3P
Ultrahigh-Definition Display Horizontal Deflection Output Applications???
2SC3996 SANYO-2SC3996 Datasheet
84Kb / 3P
Ultrahigh-Definition Display Horizontal Deflection Output Applications????
2SC4291 SANYO-2SC4291 Datasheet
81Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications????
2SC4437 SANYO-2SC4437 Datasheet
80Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications??????
2SC4770 SANYO-2SC4770 Datasheet
80Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications????
2SC5238 SANYO-2SC5238 Datasheet
86Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications?????????
2SC5300 SANYO-2SC5300 Datasheet
84Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications??????????
2SC5301 SANYO-2SC5301 Datasheet
84Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications??????????
2SC5302 SANYO-2SC5302 Datasheet
85Kb / 3P
Ultrahigh-Definition Color Display Horizontal Deflection Output Applications??????????
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com