Electronic Components Datasheet Search
  English  ▼

X  

2SC5776 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5776
Description  Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5776 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5776 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5776 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5776 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5776 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5776
No.6990-1/4
Features
•
High speed.
•
High breakdown voltage (VCBO=1600V).
•
High reliability (Adoption of HVP process).
•
Adoption of MBIT process.
•
On-chip damper diode.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1600
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
8A
Collector Current (Pulse)
ICP
16
A
Collector Dissipation
PC
3.0
W
Tc=25
°C65
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0
10
µA
ICES
VCE=1600V, RBE=0
1.0
mA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
40
200
mA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6990
Ultrahigh-Definition CRT Display
Horizontal Deflection Output Applications
2SC5776
Package Dimensions
unit : mm
2174A
[2SC5776]
62001 TS IM TA-3322
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
NPN Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-3PMLH
16.0
3.4
2.0
2.8
2.1
5.45
5.45
0.7
0.9
5.6
3.1
12
3


Similar Part No. - 2SC5776

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5772 HITACHI-2SC5772 Datasheet
90Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5772 NJSEMI-2SC5772 Datasheet
82Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
High Gain Bandwidth Product
logo
Renesas Technology Corp
2SC5772FR-TL-E RENESAS-2SC5772FR-TL-E Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results

Similar Description - 2SC5776

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TS7992 SANYO-TS7992 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TS7994 SANYO-TS7994 Datasheet
37Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5811 SANYO-2SC5811 Datasheet
40Kb / 3P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5506 SANYO-2SC5506 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5689 SANYO-2SC5689 Datasheet
29Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5683 SANYO-2SC5683 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5453 SANYO-2SC5453 Datasheet
41Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
2SC5681 SANYO-2SC5681 Datasheet
28Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
TT2062 SANYO-TT2062 Datasheet
481Kb / 4P
ULTRAHIGH-DEFINITION CRT DISPLAY HORIZONTAL DEFLECTION OUTPUT APPLICATIONS
2SC5639 SANYO-2SC5639 Datasheet
45Kb / 4P
Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com