Electronic Components Datasheet Search
  English  ▼

X  

AP1050 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AP1050
Description  Pre-Driver IC for 3-Phase Brushless Motor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1050 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AP1050 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1050 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1050 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1050 Datasheet HTML 4Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[AP1050]
Product brief-E-00
2018/09
- 2 -
3.
Block Diagram
Figure 1. Block Diagram
VIN
SW
CP
VDC2
DC-DC
VIN
LDOA
VDC1
LDOA
LDOE
VDC1
LDOE
LDOD
VREG
LDOD
SIF
DVDD
Control
LOGIC
LDOD
INT
CSB
SCK
SDI
SDO
ERRB
PWGD
MCU
EP
BATT
UH
UL
USW
MOTOR(U)
UBT
US
Pre DRV
(U)
BATT
BATT
MOTOR(V)
Pre DRV
(V)
BATT
MOTOR(W)
Pre DRV
(W)
BATT
ISR1
ISG1
VGA1
/ADC1
ISR1
ISG1
ISR2
ISG2
ISR2
ISG2
VGA2
/ADC2
AGND1
AGND1
AGND1
AGND1
AVDD
LDOA
LDOA(5.0V)
AGND2
VH
VL
VSW
VBT
VS
WH
WL
WSW
WBT
WS
ISR2
ISG2
ISR1
ISG1
PWM
Timing Unit
LDOD
CLDOA
CLDOE
CLDOD
CCP2
CVDC
LDC
CVM
CBTU
CBTV
TRUU
TRLU
RISU
TRUV
TRLV
RISV
CBTW
TRUW
TRLW
RISW
CAVDD
DOFF
DVSS
LDOE(3.3V)
LDOD
(1.88V)
VREG
VIN
VREG
AGND1
CVREG
(4.8V)
VREF
IREF
TSD
VREG
OSC
VREG
VDC2
VDC1
PGND
DIV
LDOD



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com