Electronic Components Datasheet Search
  English  ▼

X  

HES5G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HES5G
Description  5G-port Din-rail Full Gigabit Unmanaged Ethernet Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HES5G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HES5G Datasheet HTML 1Page - List of Unclassifed Manufacturers HES5G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The HES5G series are equipped with 5 Gigabit Ethernet ports, making them ideal for applications that demand high bandwidth. The HES5G
switches provide an economical solution for your industrial Gigabit Ethernet connection, and the built-in relay warning function alerts network
managers when power failures or port breaks occur. The HES5G series includes 2 models: one with an operating temperature range from
-10 to 60°C, and the other one with an extended operating temperature range from -40 to +75°C. Both models are subject to a 100% burn-in
test to ensure that they fulfill the special needs of industrial automation control applications.
Introduction
Tel: 860-487-9869
www.henrich-inc.com
HES5G Series HE0001DU1004ds - 2/3
©2013 Henrich Corporation. All rights reserved
Specifications
Technology
Standard :
IEEE802.3, 802.3u, 802.3x, 802.3ab
Processing Type :
Store and forward
Broadcast Storm :
Automatic Broadcast Storm Control
Flow Control :
Full Duplex Flow Control, Half Duplex
Back Pressure Control
Protocols :
CSMA/CD (Carrier Sense Multiple
Access/Collision Direct)
Switch Properties
MAC Table Size :
4K
Interface
RJ45 Port :
10/100/1000BaseT(X) auto negotiation
speed, Full/Half duplex mode, and auto
MDI/MDI-X connection
LED Indicators :
Power, Port Status, 10/100/1000M
Power Requirements
Input Voltage :
12~36VDC @ 10W MAX
10~24VAC @ 10VA MAX
Input Connection :
Standard four terminal power input
Physical Characteristics
Case :
Slim Metal Case, IP30 Design
Dimensions :
29.6×109.5×91.8mm
Installation :
DIN Rail or Panel Mounting
Standards and Certifications
EMI :
FCC Part15, CISPR(EN55022) Class A
EMS :
EN61000-4-2(ESD) Level 3,
EN61000-4-3(RS) Level 3,
EN61000-4-4(EFT) Level 3,
EN61000-4-5(Surge) Level 3,
EN61000-4-6(CS) Level 3,
EN61000-6-2
Shock :
IEC 60068-2-27
Freefall :
IEC 60068-2-32
Vibration :
IEC 60068-2-6
Warranty
Warranty Period :
3 years
Environment Limits
Operating Temp. :
Standard Models: -10 to 60˚C
Wide Temp. Models: -40 to 75˚C
Storage Temp. :
-40 to 85˚C
Ambient Relative
Humidity :
5 to 95%(Non-condensing)
Ordering Information
HES5G
HES5G-VL
Din-rail Unmanaged, 5 x Gigabit Copper Port, Industrial Temperature -10°C to +60°C, Power Input 12~36VDC
or 10~24VAC
HES5G-VLW
Din-rail Unmanaged, 5 x Gigabit Copper Port, Industrial Wide Temperature -40°C to +75°C, Power Input
12~36VDC or 10~24VAC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com