Electronic Components Datasheet Search
  English  ▼

X  

SIM6880M Datasheet(PDF) 3 Page - Sanken electric

Part # SIM6880M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6880M Datasheet(HTML) 3 Page - Sanken electric

  SIM6880M Datasheet HTML 1Page - Sanken electric SIM6880M Datasheet HTML 2Page - Sanken electric SIM6880M Datasheet HTML 3Page - Sanken electric SIM6880M Datasheet HTML 4Page - Sanken electric SIM6880M Datasheet HTML 5Page - Sanken electric SIM6880M Datasheet HTML 6Page - Sanken electric SIM6880M Datasheet HTML 7Page - Sanken electric SIM6880M Datasheet HTML 8Page - Sanken electric SIM6880M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
3
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
14.1.1
IGBT Steady-state Loss, PON -------------------------------------------------------------- 28
14.1.2
IGBT Switching Loss, PSW----------------------------------------------------------------- 28
14.1.3
Estimating Junction Temperature of IGBT-------------------------------------------- 28
14.2 Power MOSFET ----------------------------------------------------------------------------------- 29
14.2.1
Power MOSFET Steady-state Loss, PRON----------------------------------------------- 29
14.2.2
Power MOSFET Switching Loss, PSW--------------------------------------------------- 29
14.2.3
Body Diode Steady-state Loss, PSD ------------------------------------------------------- 30
14.2.4
Estimating Junction Temperature of Power MOSFET------------------------------ 30
15. Performance Curves ------------------------------------------------------------------------------------ 31
15.1 Transient Thermal Resistance Curves -------------------------------------------------------- 31
15.2 Performance Curves of Control Parts--------------------------------------------------------- 32
15.3 Performance Curves of Output Parts --------------------------------------------------------- 37
15.3.1
Output Transistor Performance Curves ------------------------------------------------ 37
15.3.2
Switching Losses ----------------------------------------------------------------------------- 39
15.4 Allowable Effective Current Curves----------------------------------------------------------- 42
15.4.1
SIM6811M ------------------------------------------------------------------------------------ 42
15.4.2
SIM6812M ------------------------------------------------------------------------------------ 43
15.4.3
SIM6813M ------------------------------------------------------------------------------------ 44
15.4.4
SIM6880M ------------------------------------------------------------------------------------ 45
15.4.5
SIM6822M ------------------------------------------------------------------------------------ 46
15.4.6
SIM6827M ------------------------------------------------------------------------------------ 47
15.5 Short Circuit SOAs (Safe Operating Areas) ------------------------------------------------- 48
16. Pattern Layout Example ------------------------------------------------------------------------------- 49
17. Typical Motor Driver Application ------------------------------------------------------------------- 51
Important Notes---------------------------------------------------------------------------------------------- 52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com