Electronic Components Datasheet Search
  English  ▼

X  

SIM6813M Datasheet(PDF) 39 Page - Sanken electric

Part # SIM6813M
Description  500V / 600V High Voltage 3-phase Motor Driver ICs
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SIM6813M Datasheet(HTML) 39 Page - Sanken electric

Back Button SIM6813M Datasheet HTML 35Page - Sanken electric SIM6813M Datasheet HTML 36Page - Sanken electric SIM6813M Datasheet HTML 37Page - Sanken electric SIM6813M Datasheet HTML 38Page - Sanken electric SIM6813M Datasheet HTML 39Page - Sanken electric SIM6813M Datasheet HTML 40Page - Sanken electric SIM6813M Datasheet HTML 41Page - Sanken electric SIM6813M Datasheet HTML 42Page - Sanken electric SIM6813M Datasheet HTML 43Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
SIM6800M Series
SIM6800M-DSE Rev.1.5
SANKEN ELECTRIC CO., LTD
39
Jul. 18, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2014
15.3.2
Switching Losses
Conditions: VBB = 300 V, half-bridge circuit with inductive load.
Switching Loss, E, is the sum of turn-on loss and turn-off loss.
15.3.2.1. SIM6811M
Figure 15-39.
High-side Switching Loss
Figure 15-40.
Low-side Switching Loss
15.3.2.2. SIM6812M
Figure 15-41.
High-side Switching Loss
Figure 15-42.
Low-side Switching Loss
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
D (A)
VB = 15 V
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
D (A)
VCC = 15 V
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
D (A)
VB = 15 V
0
50
100
150
200
250
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I
D (A)
VCC = 15 V
Tj = 125°C
Tj = 25°C
Tj = 125°C
Tj = 25°C
Tj = 125°C
Tj = 25°C
Tj = 125°C
Tj = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com