Electronic Components Datasheet Search
  English  ▼

X  

SSC3S921 Datasheet(PDF) 3 Page - Sanken electric

Part # SSC3S921
Description  LLC Current-Resonant Off-Line Switching Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S921 Datasheet(HTML) 3 Page - Sanken electric

  SSC3S921 Datasheet HTML 1Page - Sanken electric SSC3S921 Datasheet HTML 2Page - Sanken electric SSC3S921 Datasheet HTML 3Page - Sanken electric SSC3S921 Datasheet HTML 4Page - Sanken electric SSC3S921 Datasheet HTML 5Page - Sanken electric SSC3S921 Datasheet HTML 6Page - Sanken electric SSC3S921 Datasheet HTML 7Page - Sanken electric SSC3S921 Datasheet HTML 8Page - Sanken electric SSC3S921 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
SSC3S921
SSC3S921 - DSJ Rev.1.7
SANKEN ELECTRIC CO., LTD.
3
Jan. 17, 2018
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2015
1.
Absolute Maximum Ratings
Current polarities are defined as follows: current going into the IC (sinking) is positive current (+); and current
coming out of the IC (sourcing) is negative current (−).
Unless otherwise specified, TA is 25°C.
Characteristic
Symbol
Pins
Rating
Unit
VSEN Pin Sink Current
ISEN
1 − 10
1.0
mA
Control Part Input Voltage
VCC
2 − 10
−0.3 to 35
V
FB Pin Voltage
VFB
3 − 10
−0.3 to 6
V
ADJ Pin Voltage
VADJ
4 − 10
−0.3 to V
REG
V
CSS Pin Voltage
VCSS
5 − 10
−0.3 to 6
V
CL Pin Voltage
VCL
6 − 10
−0.3 to 6
V
RC Pin Voltage
VRC
7 − 10
−6 to 6
V
PL Pin Voltage
VPL
8 − 10
−0.3 to 6
V
SB Pin Sink Current
ISB
9 − 10
100
μA
VGL pin Voltage
VGL
11 – 10
−0.3 to V
REG + 0.3
V
REG pin Source Current
IREG
12 – 10
−10.0
mA
Voltage Between VB Pin and VS Pin
VB–VS
14 − 15
−0.3 to 20.0
V
VS Pin Voltage
VS
15 − 10
−1 to 600
V
VGH Pin Voltage
VGH
16 − 10
VS − 0.3 to VB + 0.3
V
ST Pin Voltage
VST
18 − 10
−0.3 to 600
V
Operating Ambient Temperature
TOP
—
−40 to 85
°C
Storage Temperature
Tstg
—
−40 to 125
°C
Junction Temperature
Tj
—
150
°C
* Surge voltage withstand (Human body model) of No.14, 15 and 16 is guaranteed 1000 V. Other pins are guaranteed
2000 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com