Electronic Components Datasheet Search
  English  ▼

X  

E91 Datasheet(PDF) 1 Page - Energizer

Part # E91
Description  Industry Standard Dimensions
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

E91 Datasheet(HTML) 1 Page - Energizer

  E91 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AA
Classification:
Alkaline
Chemical System:
Zinc-Manganese Dioxide (Zn/MnO2)
Designation:
ANSI-15A, IEC-LR6
Nominal Voltage:
1.5 volts
Nominal IR:
150 to 300 milliohms (fresh)
Operating Temp:
-18°C to 55°C (0°F to 130°F)
Typical Weight:
23.0 grams (0.8 oz.)
Typical Volume:
8.1 cubic centimeters (0.5 cubic inch)
Jacket:
Plastic Label
Shelf Life:
10 years at 21°C
Terminal:
Flat Contact
Milliamp-Hours Capacity
Continuous discharge to 0.8 volts at 21°C
ENERGIZER E91
Specifications
mm (inches)
No added mercury or cadmium
Industry Standard Dimensions
This data sheet contains typical information specific to products manufactured at the time of its publication.
Important Notice
Contents herein do not constitute a warranty and are for reference only.
Industry Standard Tests (21°C)
PRODUCT DATASHEET
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
60
Service (hours)
RADIO/CLOCK
50 mA 1HR ON / 7HR OFF TO 1V
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
Service (hours)
CD/GAMES
250 mA 1 hr/day
DIGITAL AUDIO
100 mA 1 hr/day
CD/GAMES
DIGITAL AUDIO
0.8
1.0
1.2
1.4
1.6
0
2
4
6
8
10
Service (hours)
PORTABLE LIGHTING
3.9 ohm LIF
TOY
3.9 ohm 1 hr/day
LIGHT
TOY
PERSONAL GROOMING
750 mA 2 min/hr 8 hrs/day
GROOM
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100
120
Service (minutes)
DIGITAL CAMERA
1.5K/.65K mW 2./1./27.9s 10x
0
1000
2000
3000
4000
25
100
250
500
Discharge (mA)
5.50 (0.217)
Maximum
0.10 (0.004)
Typical
14.50 (0.571)
13.50 (0.531)
1.00 (0.039)
Minimum
7.00 (0.276)
Minimum
50.50 (1.988)
49.50 (1.949)
(+)
(-)
Form No. E91NA0318
Page 1 of 1


Similar Part No. - E91

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
E91 GILWAY-E91 Datasheet
1,012Kb / 8P
Engineering Catalog 169
logo
Britool Expert
E91 BRITOOL-E91 Datasheet
38Kb / 1P
Chrome Alloy Steel 1⁄2in Square Drive
logo
ABB
E91/30CC ABB-E91/30CC Datasheet
200Kb / 2P
E 91/30 CC Fuse holder
E91/32 ABB-E91/32 Datasheet
82Kb / 3P
E 91/32 Fuse switch disconnector
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
Low side driver (8 channel, serial interface)
More results

Similar Description - E91

ManufacturerPart #DatasheetDescription
logo
Energizer
EL123APBP ENERGIZER-EL123APBP Datasheet
253Kb / 1P
Industry Standard Dimensions
393-309TZ ENERGIZER-393-309TZ Datasheet
332Kb / 1P
Industry Standard Dimensions
397-396TZ ENERGIZER-397-396TZ Datasheet
534Kb / 1P
Industry Standard Dimensions
A23BPZ-2 ENERGIZER-A23BPZ-2 Datasheet
87Kb / 1P
Industry Standard Dimensions
AC13-4AP ENERGIZER-AC13-4AP Datasheet
170Kb / 1P
Industry Standard Dimensions
357-303TZ ENERGIZER-357-303TZ Datasheet
73Kb / 1P
Industry Standard Dimensions
357-303VZ ENERGIZER-357-303VZ Datasheet
73Kb / 1P
Industry Standard Dimensions
390-389TZ ENERGIZER-390-389TZ Datasheet
532Kb / 1P
Industry Standard Dimensions
E95 ENERGIZER-E95 Datasheet
176Kb / 1P
Industry Standard Dimensions
NH15-2300 ENERGIZER-NH15-2300 Datasheet
174Kb / 1P
Industry Standard Dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com