Electronic Components Datasheet Search
  English  ▼

X  

AD9520-2 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9520-2
Description  12 LVPECL/24 CMOS Output Clock Generator
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9520-2 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9520-2 Datasheet HTML 68Page - Analog Devices AD9520-2 Datasheet HTML 69Page - Analog Devices AD9520-2 Datasheet HTML 70Page - Analog Devices AD9520-2 Datasheet HTML 71Page - Analog Devices AD9520-2 Datasheet HTML 72Page - Analog Devices AD9520-2 Datasheet HTML 73Page - Analog Devices AD9520-2 Datasheet HTML 74Page - Analog Devices AD9520-2 Datasheet HTML 75Page - Analog Devices AD9520-2 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
AD9520-2
Data Sheet
Rev. B | Page 72 of 80
Table 56. LVPECL Channel Dividers
Reg.
Addr.
(Hex) Bits
Name
Description
0x190 [7:4]
Divider 0 low cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays low.
A value of 0x7 means that the divider is low for eight input clock cycles (default: 0x7).
[3:0]
Divider 0 high cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays high.
A value of 0x7 means that the divider is high for eight input clock cycles (default: 0x7).
0x191 7
Divider 0 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 0 ignore SYNC
Ignores SYNC.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 0 force high
Forces divider output to a specific state. This requires that ignore SYNC also be set. Note that this bit
has no effect if the channel divider is bypassed, but the driver polarity can still be reversed.
0: divider output is forced to low (default).
1: divider output is forced to the setting stored in Bit 4 of this register.
4
Divider 0 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 0 phase offset
Phase offset (default: 0x0).
0x192 [7:3]
Unused
Unused.
2
Channel 0 power-down
Channel 0 powers down.
0: normal operation (default).
1: powered down. (Setting this bit puts OUT0/OUT0, OUT1/OUT1, and OUT2/OUT2 into safe power-
down mode.)
1
Channel 0 direct-to-output
Connects OUT0, OUT1, and OUT2 to Divider 0 or directly to VCO or CLK.
0: OUT0, OUT1, and OUT2 are connected to Divider 0 (default).
1: If Register 0x1E1[1:0] = 10b, the VCO is routed directly to OUT0, OUT1, and OUT2.
If Register 0x1E1[1:0] = 00b, the CLK is routed directly to OUT0, OUT1, and OUT2.
If Register 0x1E1[1:0] = 01b, there is no effect.
0
Disable Divider 0 DCC
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
0x193 [7:4]
Divider 1 low cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays low.
A value of 0x3 means that the divider is low for four input clock cycles (default: 0x3).
[3:0]
Divider 1 high cycles
Number of clock cycles (minus 1) of the divider input during which the divider output stays high.
A value of 0x3 means that the divider is high for four input clock cycles (default: 0x3).
0x194 7
Divider 1 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 1 ignore SYNC
Ignores SYNC.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 1 force high
Forces divider output to a specific state. This requires that ignore SYNC also be set. Note that this bit
has no effect if the channel divider is bypassed, but the driver polarity can still be reversed.
0: divider output is forced to low (default).
1: divider output is forced to the setting stored in Bit 4 of this register.
4
Divider 1 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 1 phase offset
Phase offset (default: 0x0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com