Electronic Components Datasheet Search
  English  ▼

X  

DSA60C150PB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSA60C150PB
Description  High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA60C150PB Datasheet(HTML) 1 Page - IXYS Corporation

  DSA60C150PB Datasheet HTML 1Page - IXYS Corporation DSA60C150PB Datasheet HTML 2Page - IXYS Corporation DSA60C150PB Datasheet HTML 3Page - IXYS Corporation DSA60C150PB Datasheet HTML 4Page - IXYS Corporation DSA60C150PB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DSA60C150PB
Low Loss and Soft Recovery
High Performance Schottky Diode
Common Cathode
Schottky Diode Gen ²
1
2
3
Part number
DSA60C150PB
Backside: cathode
FAV
F
VV
0.8
RRM
30
150
=
V=
V
I=
A
2x
Features / Advantages:
Applications:
Package:
● Very low Vf
● Extremely low switching losses
● Low Irm values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
TO-220
● Industry standard outline
● RoHS compliant
● Epoxy meets UL 94V-0
IXYS reserves the right to change limits, conditions and dimensions.
20131031c
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - DSA60C150PB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSA60C150PB ISC-DSA60C150PB Datasheet
349Kb / 2P
Schottky Rectifier Diode
More results

Similar Description - DSA60C150PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA30C60PB IXYS-DSA30C60PB Datasheet
113Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB30C60PB IXYS-DSB30C60PB Datasheet
103Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA50C150HB IXYS-DSA50C150HB Datasheet
91Kb / 3P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSB60C45HB IXYS-DSB60C45HB Datasheet
112Kb / 2P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA20C100PB IXYS-DSA20C100PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PB IXYS-DSA30C45PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA60C60HB IXYS-DSA60C60HB Datasheet
92Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C45PC IXYS-DSA30C45PC Datasheet
96Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
DSA30C200IB IXYS-DSA30C200IB Datasheet
89Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com