Electronic Components Datasheet Search
  English  ▼

X  

CHVCM4 Datasheet(PDF) 1 Page - Energizer

Part # CHVCM4
Description  Recharge Value Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

CHVCM4 Datasheet(HTML) 1 Page - Energizer

  CHVCM4 Datasheet HTML 1Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATASHEET
1-800-383-7323 USA/CAN
Designation: Recharge Value Charger
Model: CHVCM4
Color: Black and White
Charge Capability: "AA" (2) or (4) / "AAA" (2) or (4)
"AA" (2) and "AAA" (2) Simultaneously
Note: Please note battery orientation diagrams
in the instructions.
Charging Times: Battery
Capacity
(estimated)
(NiMH)
(mAh)
AA
1300
AA
2000
AA
2300
AAA
850
Shutoff Mechanism: Timer Control ~11 hrs
Delta V Detection
Charging Current: "AA" 260-300mA
"AAA" 120-150mA
Trickle Charge: None
Input Rating: 110-127VAC, 50/60Hz
Typical Weight: 107 grams (3.4 oz.)
Dimensions (mm): 115 x 71 x 62 (H x L x W)
Volume (cm3): 5062
Rev Polarity Protection: Yes
Primary Battery Detection: Yes
7.0 hrs
10.0 hrs
8.0 hrs
(time)
Estimated
Product Detail:
5.0 hrs
©Energizer Holdings, Inc.
Contents herein do not constitute a warranty.
This datasheet contains information specific to products
manufactured at the time of its publication.
Important Notice
NiMH Battery Charger (CHVCM4)
EASY
• LED Indicators
SLEEK
• Sleek Design
CONVENIENT
• Charges 2 or 4 NiMH
AA’s or AAA’s
Form No. EBC – 6638
North American Region
Download User Manual
Please read all instructions and cautionary
markings on the battery charger, batteries, and device.
Before Using Your Charger:
Best used with Energizer NiMH batteries.
Recharge Value Charger


Similar Part No. - CHVCM4

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
Thick Film High Voltage Chip Resistors
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
Thick Film High Voltage Chip Resistors
CHV-0603A BOURNS-CHV-0603A Datasheet
723Kb / 5P
CHV-A Series ??Thick Film High Voltage Chip Resistors
CHV-0805A BOURNS-CHV-0805A Datasheet
723Kb / 5P
Thick Film High Voltage Chip Resistors
CHV-0805A BOURNS-CHV-0805A Datasheet
723Kb / 5P
CHV-A Series ??Thick Film High Voltage Chip Resistors
More results

Similar Description - CHVCM4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR20153S IRF-IR20153S Datasheet
220Kb / 15P
HIGH SIDE DRIVER WITH RECHARGE
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085 Datasheet
274Kb / 14P
High Side Gate Driver with Recharge FET
FAN7085 FAIRCHILD-FAN7085_1 Datasheet
269Kb / 14P
High Side Gate Driver with Recharge FET
logo
International Rectifier
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
High Side Driver with Internal Vs Recharge
logo
Fairchild Semiconductor
FAN7085 FAIRCHILD-FAN7085_12 Datasheet
407Kb / 14P
High Side Gate Driver with Recharge FET
logo
International Rectifier
AUIRS20161S IRF-AUIRS20161S Datasheet
316Kb / 25P
One high side output and internal low side Vs recharge.
logo
Fairchild Semiconductor
FAN7085M_GF085 FAIRCHILD-FAN7085M_GF085 Datasheet
407Kb / 14P
FAN7085_GF085 High Side Gate Driver with Recharge FET
FAN7085CMX-F085 FAIRCHILD-FAN7085CMX-F085 Datasheet
275Kb / 14P
High Side Gate Driver with Recharge FET
logo
ON Semiconductor
FAN7085-GF085 ONSEMI-FAN7085-GF085 Datasheet
430Kb / 13P
High Side Gate Driver with Recharge FET
September-2017,Rev.2
logo
SHENZHEN FUMAN ELECTRON...
SC308 FUMAN-SC308 Datasheet
1Mb / 6P
Charger charger IC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com