Electronic Components Datasheet Search
  English  ▼

X  

HEST12LM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HEST12LM
Description  Industrial Ethernet Layer-3 Core Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEST12LM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HEST12LM Datasheet HTML 1Page - List of Unclassifed Manufacturers HEST12LM Datasheet HTML 2Page - List of Unclassifed Manufacturers HEST12LM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HEST12LM Series
EN50155 Industrial Ethernet Layer-3 Core Switch
HEST12LM
Series05563ds - 1/3
©2016 Henrich Corporation. All rights reserved
Production
Information
Up to 12 10/100BaseT Ethernet Port (M12 Connector)
Support Layer 3 Routing Protocol, ACL and NAT, etc
Dual Power Supplies for Power Redundancy, Voltage 24~160VDC (Type:48V/110V)
Fanless Cooling Design, Support -40~75℃ Operating Temperature, IP67
Alarm with One Relay Output (M12 Connector), Current Loading 2A@30V
Support Bypass Function to Allow Continuous Communication throughout the Train
Henrich Electronics Corporation
Main Office
Tel: 860-487-9869
Fax: 860-487-9478
www.henrich-inc.com
Features


Similar Part No. - HEST12LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
Industrial Ethernet Switch
HEST12M-VLW ETC2-HEST12M-VLW Datasheet
699Kb / 3P
Industrial Ethernet Switch
More results

Similar Description - HEST12LM

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL326-A0-1 REDLION-EL326-A0-1 Datasheet
1Mb / 4P
Layer 3 Industrial Ethernet Switch
EL228 REDLION-EL228 Datasheet
1Mb / 4P
Layer 2 Industrial Ethernet Switch
MIL314 REDLION-MIL314 Datasheet
778Kb / 4P
Managed Layer 3 Military-Rated Ethernet Switch
logo
ORing Industrial Networ...
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
IGS-R9812GP ORING-IGS-R9812GP Datasheet
1Mb / 5P
Industrial Layer-3 20-port managed Gigabit Ethernet switch
RGPS-R9244GP ORING-RGPS-R9244GP Datasheet
2Mb / 6P
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
RGS-PR9000 ORING-RGS-PR9000 Datasheet
2Mb / 6P
Industrial Layer-3 IEC 61850-3 modular rack mount managed Gigabit Ethernet switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
Industrial Ethernet Switch
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
Industrial Ethernet Switch
EKI-9512-4GRX ADVANTECH-EKI-9512-4GRX Datasheet
459Kb / 2P
EN50155 Layer 3 Management Ethernet Switch
7-Feb-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com