Electronic Components Datasheet Search
  English  ▼

X  

HP30 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # HP30
Description  HIGH CURRENT PLANAR TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

HP30 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  HP30 Datasheet HTML 1Page - MPS Industries, Inc. HP30 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
HP30 SERIES
•
High Current, Flat Wire Planar Transformer
•
Superior heat dissipation compared with traditional designs
•
Rated Power: 500W - 1000W, Full Bridge
•
Hi-pot: 2.5KVrms (Pri to Sec), 500Vrms (winding to core)
•
Operating Temperature -40ºC to +130ºC
•
RoHS Compliant Product
•
Custom Design Available
SWITCHING
FREQUENCY
(KHz)
OUTPUT POWER
MAX
(Watts)
INPUT VOLTAGE
MAX
(V)
INPUT CURRENT
MAX
(A)
OUTPUT VOLTAGE
VS. CURRENT
(V / A)
MAX TEMP
RISE
(ºC)
250
600
50
25
ref Turns Ratio
50
500
960
80
25
ref Turns Ratio
50
1000
1500
120
25
ref Turns Ratio
50
Product performance is limited to specified parameters. Data is subject to change without prior notice.
HIGH CURRENT
PLANAR TRANSFORMER
ELECTRICAL PARAMETERS @ 25°C
PART NUMBER
OCL
(1-2)
(µH MIN)
LEAKAGE L
(1-2)
(µH MAX)
TURNS RATIO
PRI : SEC
±5%
DCR
(1-2)
(mΩ MAX)
DCR
(3-5)
(mΩ MAX)
SRF
(1-2)
(MHz MIN)
SEC
PINS
(mm)
HP30-11
5.0
0.5
1 : 1
1.0
1
2.0
1.20x5.0
HP30-12
5.0
0.5
1 : 2
1.0
3
2.0
0.60x5.0
HP30-13
5.0
0.5
1 : 3
1.0
5
2.0
0.55x5.0
HP30-14
5.0
0.5
1 : 4
1.0
8
2.0
0.40x4.5
HP30-15
5.0
0.5
1 : 5
1.0
10
2.0
0.40x4.5
HP30-16
5.0
0.5
1 : 6
1.0
12
2.0
0.35x4.5
Note:
1.
Inductance measured at 1MHz, 1Vrms
2.
Leakage Inductance measured at 1MHz, 1Vrms (3-5 shorted)
3.
Polarity: 1 & 5 are in phase
4.
ET Max (1-2): 60V-µS


Similar Part No. - HP30

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HP300 HAMMOND-HP300 Datasheet
136Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
SOVICO corp.
HP3000 SOVICO-HP3000 Datasheet
702Kb / 1P
Multi Purpose Power Amp
logo
Bel Fuse Inc.
HP3020-9RG BEL-HP3020-9RG Datasheet
3Mb / 28P
120 - 192 Watt 10:1 DC-DC Converters
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
Digital Pressure Sensor
HP303S HOPE-HP303S Datasheet
889Kb / 30P
PRECISION BAROMETER AND ALTIMETER SENSOR
More results

Similar Description - HP30

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
Planar Transformer
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
Planar Transformer
logo
XFMRS Inc.
XF0491 XFMRS-XF0491 Datasheet
67Kb / 1P
HIGH FREQUENCY PLANAR TRANSFORMER
XF0533 XFMRS-XF0533 Datasheet
84Kb / 1P
HIGH FREQUENCY PLANAR TRANSFORMER
XF7747A-EP13S XFMRS-XF7747A-EP13S Datasheet
54Kb / 1P
HIGH FREQUENCY PLANAR TRANSFORMER
XF0808PL XFMRS-XF0808PL Datasheet
70Kb / 1P
HIGH FREQUENCY PLANAR TRANSFORMER
logo
Pulse A Technitrol Comp...
PL2085 PULSE-PL2085 Datasheet
697Kb / 1P
High Frequency Planar Transformer
PL2150 PULSE-PL2150 Datasheet
460Kb / 1P
HIGH FREQUENCY PLANAR TRANSFORMER
logo
Dongguan Mentech Optica...
TPEIR34-0066SG MNC-TPEIR34-0066SG Datasheet
172Kb / 1P
PLANAR TRANSFORMER
logo
Pulse A Technitrol Comp...
PH9278NL PULSE-PH9278NL Datasheet
812Kb / 2P
High Frequency Batcore Planar Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com