Electronic Components Datasheet Search
  English  ▼

X  

A2003-232 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # A2003-232
Description  TRANSFORMER FOR DC/DC AUTOMOTIVE APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

A2003-232 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  A2003-232 Datasheet HTML 1Page - MPS Industries, Inc. A2003-232 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
A2003 SERIES
•
AEC-Q200 Qualified for Automotive Applications
•
High Q Value and Low Leakage Inductance
•
Good temperature stability ensures small variation in inductance
•
Low profile, surface mount design
•
Metal cover improves EMI shielding
•
Operating Temperature: -40°C to +85°C
•
Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
A2003-
Inductance
(mH)
Leakage
Inductance
(µH Max)
Testing
Frequency
(kHz)
Turns Ratio
(±2%)
DCR
(Ω ±20%)
(4-6)
(4-6)
1V
(3-2 : 2-1 : 4-6)
(4-6)
(3-2)
(2-1)
192
1.93±8%
150
58
1 : 1 : 8
15.1
0.62
0.66
192A
1.93±8%
150
58
1 : 1 : 9
17.1
0.63
0.65
212
2.10±8%
150
52
1 : 10
18.2
0.63
(3-1)
222
2.15±8%
150
58
1 : 1 : 8
15.1
0.62
0.66
222A
2.15±8%
150
58
1 : 1 : 9
17.1
0.63
0.65
222B
2.15±8%
150
58
1 : 1 : 10
19.2
0.60
0.63
232
2.30±8%
150
48
1 : 1 : 10
19.2
0.60
0.63
232A
2.30±8%
150
58
1 : 10
18.2
0.62
(3-1)
242
2.40±8%
150
58
1 : 10
18.2
0.62
(3-1)
242A
2.40±8%
150
58
1 : 1 : 7
17.5
0.80
0.85
272
2.70±8%
150
58
1 : 1 : 7
17.5
0.80
0.85
272A
2.70±8%
150
58
1 : 1 : 8
20.0
0.80
0.84
318
3.18±8%
150
52
1 : 1 : 11.75
23.0
0.60
0.63
318A
3.18±8%
150
52
1 : 11.75
21.5
0.63
(3-1)
318B
3.18±8%
150
52
1 : 1 : 10
19.2
0.60
0.63
318C
3.18±8%
150
58
1 : 1 : 8.3
21.0
0.77
0.84
318D
3.18±8%
150
58
1 : 1 : 7.8
18.0
1.23
1.29
318E
3.18±15%
150
58
1 : 1 : 7
16.0
1.23
1.29
318F
3.18±8%
150
52
1 : 1 : 15
24.0
0.50
0.53
318G
3.18±8%
150
52
1 : 1 : 14.1
22.8
0.51
0.53
352
3.50±8%
150
52
1 : 1 : 12.5
24.6
0.61
0.65
362
3.60±8%
150
52
1 : 10
20.0
0.67
(3-1)
362A
3.60±8%
150
52
1 : 15
23.5
0.52
(3-1)
382
3.76±8%
150
58
1 : 1 : 9
23.0
0.80
0.85
392
3.90±8%
150
52
1 : 1 : 11.75
23.0
0.60
0.63
Product performance is limited to specified parameters. Data is subject to change without prior notice.
TRANSFORMER FOR DC/DC
AUTOMOTIVE APPLICATIONS


Similar Part No. - A2003-232

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A2003 ALLEGRO-A2003 Datasheet
316Kb / 11P
High Voltage High Current Darlington Arrays
October 28, 2005
More results

Similar Description - A2003-232

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
IFLY0012L COILCRAFT-IFLY0012L Datasheet
65Kb / 1P
DC-DC Flyback Transformer for Telecom
logo
TOKO, Inc
FCUL0530 TOKO-FCUL0530 Datasheet
205Kb / 1P
Ideal for DC-DC converter applications
FDSD0420 TOKO-FDSD0420 Datasheet
261Kb / 1P
Ideal for DC-DC converter applications
FDSD0518 TOKO-FDSD0518 Datasheet
274Kb / 1P
Ideal for DC-DC converter applications
logo
Coilcraft lnc.
IFLY0012 COILCRAFT-IFLY0012 Datasheet
52Kb / 1P
DC-DC Flyback Transformer for Telecom
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
Switch Mode Transformer for AC/DC offline Applications
logo
Dialog Semiconductor
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com