Electronic Components Datasheet Search
  English  ▼

X  

M6212 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # M6212
Description  RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

M6212 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  M6212 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
M6212 SERIES
• Complies to UL1950, IEC950, and EN60950
• Designed for use with the Maxim™ MAX253 and MAX845 mono-
lithic oscillator/power driver 3.3V / 5.0V source
• Construction complies with IEC 60950 Basic, Supplementary, and
Reinforced isolation requirements
• UL60601 and VDE compliant designs available upon request
• Operating Temperature: -40°C to +85°C
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @25°C
Part Number
M6212-
Inductance
(1-3)
(µH Typ)
Turns Ratio
(1-3 : 6-4)
(±5%)
ET (1-3)
VµSec
(Min)
DCR
(1-3)
(Ω Max)
L
L
(1-3)
(µH Max)
Cww
(1-3 to 6-4)
(pF Max)
Hi-Pot
(1-3 to 6-4)
(Vrms)
21
500
2CT : 1 CT
18
1.50
1.50
50
4500
83
500
2.67CT : 1CT
18
1.50
2.00
50
4500
43
500
1.33CT : 1CT
11
1.00
1.20
50
4500
34
500
1CT : 1.33CT
11
1.00
1.20
50
4500
11
500
1CT : 1CT
11
1.00
1.00
50
4500
12
500
1CT : 2CT
11
1.00
1.20
50
4500
38
500
1CT : 2.67CT
11
1.00
2.00
50
4500
122
250
1CT : 2.2CT
11
1.00
1.00
50
4500
23
500
1CT : 1.5CT
18
1.00
1.00
50
4500
NOTES:
•
OCL, L
L, Cww measured at 100KHz, 0.1Vrms
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
RS-485/RS-422 INTERFACE
PUSH-PULL TRANSFORMERS
DIMENSIONS
SCHEMATIC
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10


Similar Part No. - M6212

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M6212 ENERCON-M6212 Datasheet
678Kb / 6P
M6212 SERIES DC/DC POWER SUPPLY
Nov 1, 2021
logo
Heyco.
M6212 HEYCO-M6212 Datasheet
258Kb / 1P
Plated Steel Liquid Tight Cordgrips
More results

Similar Description - M6212

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1480A MAXIM-MAX1480A Datasheet
487Kb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 4; 10/03
MAX1480A MAXIM-MAX1480A_05 Datasheet
2Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
RS-485/RS-422 Transceivers
June 10, 2008
ISL3282EMRTEP INTERSIL-ISL3282EMRTEP Datasheet
624Kb / 8P
RS-485/RS-422 Receiver
February 15, 2011
logo
Maxim Integrated Produc...
MAX1480BCPI MAXIM-MAX1480BCPI Datasheet
1Mb / 21P
Complete, Isolated RS-485/RS-422 Data Interface
Rev 5; 5/05
logo
MPS Industries, Inc.
P6201 MPSIND-P6201 Datasheet
483Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
P6202 MPSIND-P6202 Datasheet
390Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
M6210 MPSIND-M6210 Datasheet
486Kb / 1P
RS-485/RS-422 INTERFACE PUSH-PULL TRANSFORMERS
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
RS-485/RS-422 Transceivers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com