Electronic Components Datasheet Search
  English  ▼

X  

N5447F Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # N5447F
Description  RJ45 10/100 BASE-T JACK WITH MAGNETIC MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N5447F Datasheet(HTML) 2 Page - MPS Industries, Inc.

  N5447F Datasheet HTML 1Page - MPS Industries, Inc. N5447F Datasheet HTML 2Page - MPS Industries, Inc. N5447F Datasheet HTML 3Page - MPS Industries, Inc. N5447F Datasheet HTML 4Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
DIMENSIONS (mm)
Unlessotherwisespecified,alltolerancesare±0.25mm.
Unlessotherwisespecified,alltolerancesare±0.25mm.
Figure A
Figure B
N5447F SERIES
RJ45 10/100 BASE-T JACK
WITHMAGNETICMODULE
MATERIAL SPECIFICATION
Housing
Insert
Contact
Shield
Plate (if applicable)
Nylon GF (Fr50) UL94V-0
PhosphorBronzeC5210EH
PhosphorBronzeC5191
Brass C2680
PBT GF UL94V-0
Standard color: black
Plating 1: Nickel
Plating 1: Nickel
Plating: Nickel
Plating 2: 100% Sn
Plating 2: 100% Sn
Plating3:Gold(3u”-50u”)
Operating Life (MIN)
Storage Temperature
Operating Temperature
750Insertions
-40°Cto+85°C
0°Cto+70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com